Electronic Components Datasheet Search
  English  ▼

X  

AFE4110 Datasheet(PDF) 25 Page - Texas Instruments

Part # AFE4110
Description  MIXED SIGNAL MICROCONTROLLER
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE4110 Datasheet(HTML) 25 Page - Texas Instruments

Back Button AFE4110 Datasheet HTML 21Page - Texas Instruments AFE4110 Datasheet HTML 22Page - Texas Instruments AFE4110 Datasheet HTML 23Page - Texas Instruments AFE4110 Datasheet HTML 24Page - Texas Instruments AFE4110 Datasheet HTML 25Page - Texas Instruments AFE4110 Datasheet HTML 26Page - Texas Instruments AFE4110 Datasheet HTML 27Page - Texas Instruments AFE4110 Datasheet HTML 28Page - Texas Instruments AFE4110 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 68 page
background image
AFE4110
www.ti.com
SLLSE48
– JANUARY 2012
Table 6. System Module Interrupt Vector Registers
INTERRUPT VECTOR
WORD
INTERRUPT VECTOR
OFFSET
PRIORITY
REGISTER
ADDRESS
No interrupt pending
00h
Brownout (BOR)
02h
Highest
SVMBOR (BOR)
04h
RST/NMI (BOR)
06h
DoBOR (BOR)
08h
Security violation (BOR)
0Ah
SYSRSTIV, System Reset
DoPOR(POR)
019Eh
0Ch
WDT timeout (PUC)
0Eh
WDT key violation (PUC)
10h
CCS key violation
12h
PMM key violation
14h
Peripheral area fetch (PUC)
16h
Reserved
18h-3Eh
Lowest
No interrupt pending
00h
SVMIFG
02h
Highest
VMAIFG
04h
SYSSNIV, System NMI
019Ch
JMBINIFG
06h
JMBOUTIFG
08h
Reserved
0Ah-3Eh
Lowest
No interrupt pending
00h
NMIFG
02h
Highest
SYSUNIV, User NMI
OFIFG
019Ah
04h
BERR
06h
Reserved
08h-3Eh
Lowest
No interrupt pending
00h
SYSBERRIV, Bus Error
0198h
Reserved
02h-3Eh
Lowest
Copyright
© 2012, Texas Instruments Incorporated
Submit Documentation Feedback
25
Product Folder Link(s) :AFE4110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com