Electronic Components Datasheet Search
  English  ▼

X  

AFE4110 Datasheet(PDF) 46 Page - Texas Instruments

Part # AFE4110
Description  MIXED SIGNAL MICROCONTROLLER
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE4110 Datasheet(HTML) 46 Page - Texas Instruments

Back Button AFE4110 Datasheet HTML 42Page - Texas Instruments AFE4110 Datasheet HTML 43Page - Texas Instruments AFE4110 Datasheet HTML 44Page - Texas Instruments AFE4110 Datasheet HTML 45Page - Texas Instruments AFE4110 Datasheet HTML 46Page - Texas Instruments AFE4110 Datasheet HTML 47Page - Texas Instruments AFE4110 Datasheet HTML 48Page - Texas Instruments AFE4110 Datasheet HTML 49Page - Texas Instruments AFE4110 Datasheet HTML 50Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 68 page
background image
AFE4110
SLLSE48
– JANUARY 2012
www.ti.com
ANALOG_LDOCFG: Analog LDO configuration
15
14
13
12
11
10
9
8
–
–
ldo_out_mux
–
–
cap_sw_general
r-0
r-0
rw-0
rw-0
r-0
r-0
rw-0
rw-0
7
6
5
4
3
2
1
0
high_cap_sw
low_cap_sw
ldo_bypass
ldo_pd
–
ldo_trim_bits
rw-0
rw-0
rw-0
rw-1
r-0
rw-0
rw-0
rw-0
ldo_trim_bits
Bits 0-2
LDO voltage trimming (see table below)
ldo_pd
Bit 4
"1" LDO Shut down. Vout=open
ldo_bypass
Bits 5
"1" Bypass the LDO, shorts LDO Vout to VDD
low_cap_sw
Bit 6
"1" Connect the low calibration capacitor (20pF)
high_cap_sw
Bit 7
"1" Connect the high calibration capacitor (40pF)
cap_sw_general
Bit 8-9
NC
ldo_out_mux
Bit 12-13
"00" set the LDO output switch to "off". "11" set LDO output switch to "on"
ldo_trim_bits table:
Setting
Vout[V]
000
1.045
001
10.72
010
1.1
011
1.125
100
0.96
101
0.98
110
1
111
1.02
ANALOG_LDOCTL Analog LDO control
15
14
13
12
11
10
9
8
ldo_ctl (cont.)
rw-0
rw-0
rw-0
rw-0
rw-0
rw-0
rw-0
rw-0
7
6
5
4
3
2
1
0
ldo_ctl
a0_port_sel
LDO_IO_sel
rw-0
rw-0
rw-0
rw-1
r-0
rw-0
rw-0
rw-0
LDO_IO_sel
Bit 0-3
Used to mux the LDO to IOs in the following order:
<0> – port 1.0;
<1> – port 1.1;
<2> – port 1.4;
<3> – port 3.3;
a0_port_sel
Bit 4
Select which IO goes to A0 input of the A-Pool
– ,0. selects port 1.4
ldo_ctl
Bits 5-15
NC
46
Submit Documentation Feedback
Copyright
© 2012, Texas Instruments Incorporated
Product Folder Link(s) :AFE4110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com