Electronic Components Datasheet Search
  English  ▼

X  

AFE4110 Datasheet(PDF) 30 Page - Texas Instruments

Part # AFE4110
Description  MIXED SIGNAL MICROCONTROLLER
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE4110 Datasheet(HTML) 30 Page - Texas Instruments

Back Button AFE4110 Datasheet HTML 26Page - Texas Instruments AFE4110 Datasheet HTML 27Page - Texas Instruments AFE4110 Datasheet HTML 28Page - Texas Instruments AFE4110 Datasheet HTML 29Page - Texas Instruments AFE4110 Datasheet HTML 30Page - Texas Instruments AFE4110 Datasheet HTML 31Page - Texas Instruments AFE4110 Datasheet HTML 32Page - Texas Instruments AFE4110 Datasheet HTML 33Page - Texas Instruments AFE4110 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 68 page
background image
AFE4110
SLLSE48
– JANUARY 2012
www.ti.com
Table 9. Activation Clock Frequency Selections
SETTING
CAP SETTING
FREQUENCY
000
60 fF
1 kHz
001
120 fF
0.75 kHz
010
180 fF
0.35 kHz
011
240 fF
250 Hz
100
150 fF
400 kHz
101
210 fF
280 Hz
110
270 fF
220 Hz
Activation Registers
SHELF_CNT_LO: Shelf counter low
15
14
13
12
11
10
9
8
s_cnt_low (cont.)
r0
r0
r0
r0
r0
r0
r0
r0
7
6
5
4
3
2
1
0
s_cnt_low
r0
r0
r0
r0
r0
r0
r0
r0
s_cnt_low
Bits 0-15
Lower 16 bits of Shelf counter
This is a read only Register
SHELF_CNT_HI: Shelf counter high
15
14
13
12
11
10
9
8
–
–
–
s_cnt_high (cont.)
r0
r0
r0
r0
r0
r0
r0
r0
7
6
5
4
3
2
1
0
s_cnt_high
r0
r0
r0
r0
r0
r0
r0
r0
s_cnt_high
Bits 0-12
Upper 13 bits of Shelf counter
This is a read only Register
ACTIVATION_DATAIN: Activation data in
15
14
13
12
11
10
9
8
act_d_in (cont.)
7
6
5
4
3
2
1
0
act_d_in
act_d_in
Bits 0-15
Activation Data In - Value of the
Strobe7-0 register which is
selected by the
ACTIVATION_RD_ADDR
register
30
Submit Documentation Feedback
Copyright
© 2012, Texas Instruments Incorporated
Product Folder Link(s) :AFE4110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com