| Electronic Components Datasheet Search |
|
AFE4110 Datasheet(PDF) 16 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AFE4110 Datasheet(HTML) 16 Page - Texas Instruments |
|
16 / 68 page ![]() AFE4110 SLLSE48 – JANUARY 2012 www.ti.com INSTRUCTION SET SHORT-FORM DESCRIPTION The instruction set consists of the original 51 CPU instructions with three formats and seven address modes and additional instructions for the expanded The AFE4110 is based on an MSP430 CPU core with address range. Each instruction can operate on word a 16-bit RISC architecture that is highly transparent to and byte data. Table 1 shows examples of the three the application. All operations, other than types of instruction formats; the address modes are program-flow instructions, are performed as register listed in Table 2. operations in conjunction with seven addressing modes for source operand and four addressing modes for destination operand. The CPU is integrated with 16 registers that provide reduced instruction execution time. The register-to-register operation execution time is one cycle of the CPU clock. Four of the registers, R0 to R3, are dedicated as program counter, stack pointer, status register, and constant generator respectively. The remaining registers are general-purpose registers. Peripherals are connected to the CPU using data, address, and control buses, and can be handled with all instructions. Table 1. Instruction Word Formats Dual operands, source-destination e.g. ADD R4, R5 R4 + R5 → R5 Single operands, destination only e.g. CALL R8 PC → (TOS), R8 → PC Relative jump, un/conditional Jump-on-equal bit = 0 Table 2. Address Mode Descriptions ADDRESS MODE S(1) D(2) SYNTAX EXAMPLE OPERATION Register ● ● MOV Rs,Rd MOV R10, R11 R10 → R11 Indexed ● ● MOV X(Rn), Y(Rm) MOV 2(R5), 6(R6) M(2+R5) → M(6+R6) Symbolic (PC relative) ● ● MOV EDE, TONI M(EDE) → M(TONI) Absolute ● ● MOV & MEM, and TCDAT M(MEM) → M(TCDAT) Indirect ● MOV at Rn, Y(Rm) MOV at R10,Tab(R6) M(R10) → M(Tab+R6) M(R10) → R11 Indirect autoincrement ● MOV at Rn+,Rm MOV at R10+, R11 R10 + 2 → R10 Immediate ● MOV at 45,TONI MOV #45, TONI #45 → M(TONI) (1) S = source (2) D = destination 16 Submit Documentation Feedback Copyright © 2012, Texas Instruments Incorporated Product Folder Link(s) :AFE4110 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |