Electronic Components Datasheet Search
  English  ▼

X  

AFE4110 Datasheet(PDF) 13 Page - Texas Instruments

Part # AFE4110
Description  MIXED SIGNAL MICROCONTROLLER
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE4110 Datasheet(HTML) 13 Page - Texas Instruments

Back Button AFE4110 Datasheet HTML 9Page - Texas Instruments AFE4110 Datasheet HTML 10Page - Texas Instruments AFE4110 Datasheet HTML 11Page - Texas Instruments AFE4110 Datasheet HTML 12Page - Texas Instruments AFE4110 Datasheet HTML 13Page - Texas Instruments AFE4110 Datasheet HTML 14Page - Texas Instruments AFE4110 Datasheet HTML 15Page - Texas Instruments AFE4110 Datasheet HTML 16Page - Texas Instruments AFE4110 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 68 page
background image
AFE4110
www.ti.com
SLLSE48
– JANUARY 2012
PIN FUNCTIONS (continued)
PIN
I/O(1)
DESCRIPTION
NAME
NO.
LCD_EHVCAP
36
Analog
LCD_E HV Charge Pump Ext Capacitor to GND, 3.4V
CP18CAP
37
Analog
Minimum 1.8V Charge pump Ext capacitor C to VSS
CP1P8_C2_IN
38
Analog
1.8V Charge pump Ext capacitor B for 2mA drive
CP1P8_C2_OUT
39
Analog
1.8V Charge pump Ext capacitor B for 2mA drive
CP1P8_C1_IN
40
Analog
1.8V Charge pump Ext capacitor A for 2mA drive
CP1P8_C1_OUT
41
Analog
1.8V Charge pump Ext capacitor A for 2mA drive
VPP
42
Power
Factory programming voltage. VPP must be tied to VDD in normal use
mode.
P1.0/TA0.2/TA0.1/TA1.2/LDO1/TA0.CCI1B0/
43
I/O
General-purpose digital I/O
TA0.CCI2B0/A2
Timer0_A3 Out2 output
Timer0_A3 Out1 output
Timer1_A3 Out2 output
LDO 1V Out
Timer0_A3 CCR1B0 capture: CCI1B0 input, compare
Timer0_A3 CCR2B0 capture: CCI2B0 input, compare
Analog input A2
– A-Pool
P1.1/TA0.2/TA0.1/TA1.2/LDO1/TA0.CCI1A1/
44
I/O
General-purpose digital I/O
TA0.CCI2A1/A1
Timer0_A3 Out2 output
Timer0_A3 Out1 output
Timer1_A3 Out2 output
LDO 1V Out
Timer0_A3 CCR1A1 capture: CCI1A1 input, compare
Timer0_A3 CCR2A1 capture: CCI2A1 input, compare
Analog input A1
– A-Pool
P1.2/TA0.2/TA0.1/TA1.2/AOUT/
45
I/O
General-purpose digital I/O
TA0.CCI1A2/TA0.CCI2A2/A3
Timer0_A3 Out2 output
Timer0_A3 Out1 output
Timer1_A3 Out2 output
Analog Out - A-Pool
Timer0_A3 CCR1A2 capture: CCI1A2 input, compare
Timer0_A3 CCR2A2 capture: CCI2A2 input, compare
Analog input A3
– A-Pool
P1.3/TA0.2/TA0.1/TA1.2/REFOUT/
46
I/O
General-purpose digital I/O
TA0.CCI1A3/TA0.CCI2A3/A3
Timer0_A3 Out2 output
Timer0_A3 Out1 output
Timer1_A3 Out2 output
Vref Out
– A-Pool
Timer0_A3 CCR1A3 capture: CCI1A3 input, compare
Timer0_A3 CCR2A3 capture: CCI2A3 input, compare
Analog input A3
– A-Pool
P1.4/TA0.2/TA0.1/TA1.2/LDO1/
47
I/O
General-purpose digital I/O
TA0.CCI1B1/TA0.CCI2B1/A0
Timer0_A3 Out2 output
Timer0_A3 Out1 output
Timer1_A3 Out2 output
LDO 1V Out
Timer0_A3 CCR1B1 capture: CCI1B1 input, compare
Timer0_A3 CCR2B1 capture: CCI2B1 input, compare
Analog input A0
– A-Pool
P1.5/TA0.2/TA0.1/TA1.2/LDO1/TA0.CCI1B2/
48
I/O
General-purpose digital I/O
TA0.CCI2B2
Timer0_A3 Out2 output
Timer0_A3 Out1 output
Timer1_A3 Out2 output
Timer0_A3 CCR1B2 capture: CCI1B2 input, compare
Timer0_A3 CCR2B2 capture: CCI2B2 input, compare
Copyright
© 2012, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s) :AFE4110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com