Electronic Components Datasheet Search
  English  ▼

X  

AFE4110 Datasheet(PDF) 18 Page - Texas Instruments

Part # AFE4110
Description  MIXED SIGNAL MICROCONTROLLER
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE4110 Datasheet(HTML) 18 Page - Texas Instruments

Back Button AFE4110 Datasheet HTML 14Page - Texas Instruments AFE4110 Datasheet HTML 15Page - Texas Instruments AFE4110 Datasheet HTML 16Page - Texas Instruments AFE4110 Datasheet HTML 17Page - Texas Instruments AFE4110 Datasheet HTML 18Page - Texas Instruments AFE4110 Datasheet HTML 19Page - Texas Instruments AFE4110 Datasheet HTML 20Page - Texas Instruments AFE4110 Datasheet HTML 21Page - Texas Instruments AFE4110 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 68 page
background image
AFE4110
SLLSE48
– JANUARY 2012
www.ti.com
Interrupt Vector Addresses
The interrupt vectors and the power-up start address are located in the address range 0FFFFh
– 0FFE0h. The
vector contains the 16-bit address of the appropriate interrupt-handler instruction sequence.
Table 3. Interrupt Sources, Flags, and Vectors
INTERRUPT SOURCE
INTERRUPT FLAG
SYSTEM INTERRUPT
WORD ADDRESS
PRIORITY
System Reset
WDTIFG(1)
Reset
0x0FFFE
14, highest
Power-Up
External Reset
Watchdog
System NMI
SVMIFG, VMAIFG(1)
(Non)maskable
0x0FFFC
13
Vacant memory access
User NMI
NMIIFG(1) (2)
(Non)maskable
0x0FFFA
12
NMI
Timer1_A3
TA1CCR0 CCIFG(3)
Maskable
0x0FFF8
11
Timer1_A3
TA1CCR1 CCIFG
Maskable
0x0FFF6
10
TA1CCR2 CCIFG
TA1IFG(1) (3)
Watchdog Timer_A Interval Timer Mode
WDTIFG
Maskable
0x0FFF4
9
A-Pool
CxIFG
Maskable
0x0FFF2
8
I/O Port P1
P1IFG.0 to P1IFG.6(1) (3)
Maskable
0x0FFF0
7
Timer0_A3
TA0CCR0 CCIFG(3)
Maskable
0x0FFEE
6
Timer0_A3
TA0CCR1 CCIFG
Maskable
0x0FFEC
5
TA0CCR1 CCIFG
TA0IFG(1) (3)
I/O Port P2
P2IFG.0 to P2IFG.3(1) (3)
Maskable
0x0FFEA
4
I/O Port P3
P3IFG.0 to P3IFG.7(1)(3)
Maskable
0x0FFE8
3
I/O Port P4
P4IFG.0 to P4IFG.3(1) (3)
Maskable
0x0FFE6
2
LCD Controller
LCDFRMIFG,
Maskable
0x0FFE4
1
LCDBLKOFFIFG,
LCDBLKONIFG,
LCDNOCAPIFG
The Following Interrupts are multiplexed on I/O Port P3 interrupts
Activation Sense(4) (5)
Muxed with P3.6
Maskable
0x0FFE8
3
CP 1p8 Valid(4) (5)
Muxed with P3.7
Maskable
0x0FFE8
3
Activation sleep counter timeout (4) (5)
Muxed with P3.4
Maskable
0x0FFE8
3
CP 1p8 comparator out(4)(5)
Muxed with P3.5
Maskable
0x0FFE8
3
LCD CP comparator out (4)(5)
Muxed with P3.2
Maskable
0x0FFE8
3
APOOL comparator out(4)
Muxed with P3.3
Maskable
0x0FFE8
3
(1)
Multiple source flags
(2)
A reset is generated if the CPU tries to fetch instructions from within peripheral space or vacant memory space. (Non)maskable: the
individual interrupt-enable bit can disable an interrupt event, but the general-interrupt enable cannot disable it.
(3)
Interrupt flags are located in the module.
(4)
No additional synchronization mechanisms beyond standard MSP430 interrupt synchronization
(5)
Interrupt Signal is directly connoted without a de-glitcher mechanism.
18
Submit Documentation Feedback
Copyright
© 2012, Texas Instruments Incorporated
Product Folder Link(s) :AFE4110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com