Electronic Components Datasheet Search
  English  ▼

X  

AFE4110 Datasheet(PDF) 3 Page - Texas Instruments

Part # AFE4110
Description  MIXED SIGNAL MICROCONTROLLER
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE4110 Datasheet(HTML) 3 Page - Texas Instruments

  AFE4110 Datasheet HTML 1Page - Texas Instruments AFE4110 Datasheet HTML 2Page - Texas Instruments AFE4110 Datasheet HTML 3Page - Texas Instruments AFE4110 Datasheet HTML 4Page - Texas Instruments AFE4110 Datasheet HTML 5Page - Texas Instruments AFE4110 Datasheet HTML 6Page - Texas Instruments AFE4110 Datasheet HTML 7Page - Texas Instruments AFE4110 Datasheet HTML 8Page - Texas Instruments AFE4110 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 68 page
background image
AFE4110
www.ti.com
SLLSE48
– JANUARY 2012
ABSOLUTE MAXIMUM RATINGS
(1)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
VALUE
UNIT
MIN
MAX
Voltage applied at VDD referenced to VSS (VAMR)
–0.3
1.8
V
–0.3
VDD + 0.3
V
Voltage applied to any pin (references to VSS)
–0.3
1.8
V
Diode current at any device pin(2)
± 2.5
mA
Storage temparature range(3)
–55
150
°C
ESD tolerance HBM
2000
V
(1)
Stresses beyond those listed under
"absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under
"recommended operating
conditions
" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages referenced to VSS.
(3)
Higher temperature may be applied during board soldering according to the current JEDEC J-STD-020 specification with peak reflow
temperatures not higher than classified on the device label on the shipping boxes or reels.
RECOMMENDED OPERATING CONDITIONS
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
MIN
TYP
MAX
UNIT
VDD
Supply voltage during program execution
1.1
1.55
V
VSS
Supply voltage (GND reference)
0
V
TA
Operating free-air temperature
0
70
°C
CVDD
Capacitor on VDD
470
nF
VDD > 1.1 V
1
fSYSTEM
(1) (2)
MHz
VDD > 1.5 V
4
(1)
The AFE4110 CPU is clocked directly with MCLK. Both the high and low phase of MCLK must not exceed the pulsewidth of the
specified maximum frequency.
(2)
Modules may have a different maximum input clock specification.See the specification of the respective module in this data sheet.
Copyright
© 2012, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s) :AFE4110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com