Electronic Components Datasheet Search
  English  ▼

X  

AFE4110 Datasheet(PDF) 7 Page - Texas Instruments

Part # AFE4110
Description  MIXED SIGNAL MICROCONTROLLER
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE4110 Datasheet(HTML) 7 Page - Texas Instruments

Back Button AFE4110 Datasheet HTML 3Page - Texas Instruments AFE4110 Datasheet HTML 4Page - Texas Instruments AFE4110 Datasheet HTML 5Page - Texas Instruments AFE4110 Datasheet HTML 6Page - Texas Instruments AFE4110 Datasheet HTML 7Page - Texas Instruments AFE4110 Datasheet HTML 8Page - Texas Instruments AFE4110 Datasheet HTML 9Page - Texas Instruments AFE4110 Datasheet HTML 10Page - Texas Instruments AFE4110 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 68 page
background image
AFE4110
www.ti.com
SLLSE48
– JANUARY 2012
High Frequency
– OSCILLATOR
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
fHFOSC
VDD = 1.1 V – 1.55 V (untrimmed)
4
5
7
MHz
fHFOSC
VDD = 1.1 V – 1.55 V (trimmed)
4.1
4.5
4.8
MHz
Duty Cycle
VDD = 1.1 V – 1.55 V
45%
50%
55%
tSTART
VDDC = 1.1 V – 1.55 V
20
µs
ΔfDCO/ΔT
VDD = 1.1 V – 1.55 V; fDCO = 4 MHz
±0.07
%/
°C
ΔfDCO/VDD
VDD = 1.1 V – 1.55 V; fDCO = 4 MHz
±1
%/V
ΔfDCO/CALSTEP
VDD = 1.1 V – 1.55 V; fDCO = 4 MHz; ±64 calibration steps
0.1
1
4
%/Step
IOP
VDD = 1.1 V – 1.55 V; fDCO = 4 MHz
25
µA
IOP
VDD = 1.1 V – 1.55 V; fDCO = 1 MHz
22
µA
Low Frequency
– OSCILLATOR
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
fLFO
VDD = 1.1 V – 1.55 V
6
20
45
kHz
Duty Cycle
VDD = 1.1 V – 1.55 V
45%
50%
55%
tSTART
VDD = 1.1 V – 1.55 V
500
µs
IOP
VDDC = 1.1 V – 1.55 V; fLFO = 20 kHz
600
nA
32 kHz Crystal
– OSCILLATOR
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
fLFO
VDD = 1.1 V – 1.55 V
32
kHz
Duty Cycle
VDD = 1.1 V – 1.55 V
45%
50%
55%
tSTART
VDDC = 1.1 V – 1.55 V
200
mS
IOP
VDD = 1.1 V – 1.55 V
2
µA
CP_1P8 Specifications
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Start-up time
5mS
Supply voltage battery input
1.1
1.55
V
Output voltage, VO
1.8 x VBAT
No load voltage
VBAT = 1.55 V
3
V
Max load voltage
VBAT = 1.2 V
1.85
V
Max load
CP18 = 10 nF
0.01
3
mA
Charge pump efficiency
70%
Clocking frequency
4
MHz
Copyright
© 2012, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s) :AFE4110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com