Electronic Components Datasheet Search
  English  ▼

X  

AFE4110 Datasheet(PDF) 8 Page - Texas Instruments

Part # AFE4110
Description  MIXED SIGNAL MICROCONTROLLER
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE4110 Datasheet(HTML) 8 Page - Texas Instruments

Back Button AFE4110 Datasheet HTML 4Page - Texas Instruments AFE4110 Datasheet HTML 5Page - Texas Instruments AFE4110 Datasheet HTML 6Page - Texas Instruments AFE4110 Datasheet HTML 7Page - Texas Instruments AFE4110 Datasheet HTML 8Page - Texas Instruments AFE4110 Datasheet HTML 9Page - Texas Instruments AFE4110 Datasheet HTML 10Page - Texas Instruments AFE4110 Datasheet HTML 11Page - Texas Instruments AFE4110 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 68 page
background image
AFE4110
SLLSE48
– JANUARY 2012
www.ti.com
Brown-Out Reset (BOR)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VBOR(Start)
490
mV
V(BOR_IT+)
VDD rising; dVDD / dt < 3V/s
1095
1150
mV
V(BOR_IT–)
VDD falling; dVDD / dt < 3V/s
860
900
mV
Vhys(BOR)
200
mV
VMARGIN
VMARGIN = V(BOR-IT-) – VCRIT; T = 0-70°C
40
mV
tdBOR
3000(1)
µs
IOP
VDD = 1.1 V – 1.55 V
500
nA
(1)
Depends on the voltage ramp in the system (actually a maximum typical value).
A-POOL, External Reference Source
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VREF
VDD = 1.1 V – 1.55 V for ADC / DAC operation
100
475
mV
VDD = 1.1 V – 1.55 V ADC / DAC not operational
0
VDD
V
IREF
VDD = 1.1 V – 1.55 V
3
µA
CREF
REFON = 0
20
50
pF
A-POOL, Built-In Reference Source
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VREF
VDD = 1.1 V – 1.55 V (±1.5%; overall 3%)
256
±3%
mV
IREF
VDD = 1.1 V – 1.55 V
10
µA
CREF
REFON = 1
20
50
pF
TREF
VDD = 1.1 V – 1.55 V ( ΔV/ΔT×VREF referenced to 25°C)
±250
ppm/
°C
tsettle
VDD = 1.1 V – 1.55 V; REFON = 1; CREF = CREF(max)
900
µs
IOP
VDD = 1.1 V – 1.55 V; REFON = 1; CREF = CREF(max)
50
µA
A-POOL, Temperature Sensor
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
ISENSOR
VCC = 1.1 V – 1.55 V
2
µA
TCSENSOR
VCC = 1.1 V – 1.55 V; 0-70°C ( ΔV/ΔT referenced to 30°C)
464
µV/°C
VOFFSET25
VCC = 1.1 V – 1.55 V at TA = 30°C
179
mV
tSETTLE
VCC = 1.1 V – 1.55 V (before start of conversion)
15
µs
VSENSOR
(1)
VCC = 1.1 V – 1.55 V; 0-70°C
179
mV
(1)
The following formula can be used to calculate the temperature sensor output voltage
VSENSOR = VOFFSET25 + TCSENSOR × (TA = 30°C)
8
Submit Documentation Feedback
Copyright
© 2012, Texas Instruments Incorporated
Product Folder Link(s) :AFE4110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com