Electronic Components Datasheet Search
  English  ▼

X  

AFE4110 Datasheet(PDF) 6 Page - Texas Instruments

Part # AFE4110
Description  MIXED SIGNAL MICROCONTROLLER
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE4110 Datasheet(HTML) 6 Page - Texas Instruments

Back Button AFE4110 Datasheet HTML 2Page - Texas Instruments AFE4110 Datasheet HTML 3Page - Texas Instruments AFE4110 Datasheet HTML 4Page - Texas Instruments AFE4110 Datasheet HTML 5Page - Texas Instruments AFE4110 Datasheet HTML 6Page - Texas Instruments AFE4110 Datasheet HTML 7Page - Texas Instruments AFE4110 Datasheet HTML 8Page - Texas Instruments AFE4110 Datasheet HTML 9Page - Texas Instruments AFE4110 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 68 page
background image
AFE4110
SLLSE48
– JANUARY 2012
www.ti.com
Ports P2, P4 and Port 3.7, Port 3.6
1.1V
< VDDIO < 3.3V over recommended ranges of supply voltage and operating free-air temperature (unless otherwise
noted)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VDDIO = 1.1 V, IOH = –1 mA
(1)
VDDIO - 0.25
VOH
VDDIO = 3.3 V, IOH = –1 mA
(1)
VDDIO - 0.15
V
VDDIO = 1.1 V, IOH = –300 µA
(1)
VDDIO - 0.15
VDDIO = 1.1 V, IOL = 2.5 mA
(2)
0.2
VOL
VDDIO = 3.3 V, IOL = 2.5 mA
(2)
0.15
V
VDDIO = 1.1 V, IOL = 300 µA
(2)
0.07
VDDIO = 3.3 V
0.3 x VDDIO
V
VIL
VDDIO = 1.1 V
0.25 x
V
VDDIO
VDDIO = 3.3 V
0.7 x VDDIO
V
VIH
VDDIO = 1.1 V
0.75 x VDDIO
V
VIT+
VDDIO = 1.1 V
– 3.3 V (positive going input threshold)
VILmax+VHYS
VIHmin
V
VIT–
VDDIO = 1.1 V
– 3.3 V (negative going input threshold)
VILmax
VIHmin- VHYS
V
VHYS
Intrinsic Hysteresis
150
mV
VDDIO = 1.1 V, CL = 15 pF || RL = 750Ω to VSS on VOH for ports P1,P2,P3
75
VDDIO = 1.1 V, CL = 15 pF || RL = 320Ω to VDD on VOL for ports P1,P2,P3
75
Δt/Δv
ns/V
VDDIO = 3.3 V, CL = 25 pF || RL= 1600Ω to VSS on VOH for ports P1,P2,P3
75
VDDIO = 3.3 V, CL = 25 pF || RL= 600Ω to VSS on VOL for ports P1,P2,P3
75
IOH
VDDIO = 1.1 V
– 3.3 V for ports P1,P2,P3
–1
mA
IOL
VDDIO = 1.1 V
– 3.3 V for ports P1,P2,P3
2.5
mA
ILKG
VDDIO = 1.1 V
– 3.3 V
±100
nA
tINT
P0.x; VDD = 1.1 V – 3.3 V
200
ns
RPULL
For pullup:VIN = VSS; For pulldown: VIN = VDDIO for ports P1,P2,P3
30
35
40
k
Ω
RRST
Pullup on RST/NMI/SVMOUT
30
35
40
k
Ω
CI
VIN = VSS or VDDIO
7
pF
(1)
The maximum total current IOH, for all outputs combined should not exceed 5mA to hold the maximum voltage drop specified
(2)
The maximum total current IOL, for all outputs combined should not exceed 15mA to hold the maximum voltage drop specified
Ports P3.6, P3.7 (High Current Buzzer)
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VDDIO = 1.1 V, IOH = –10 mA
VDDIO-0.15
VOH
V
VDDIO = 3.3 V, IOH = –10 mA
VDDIO-0.15
VDDIO = 1.1 V, IOL = 10 mA
0.2
VOL
V
VDDIO = 3.3 V, IOL = 10 mA
0.15
VDDIO = 1.1V, CL = 15 pF || RL = 750Ω to VSS on VOH
75
VDDIO = 1.1 V, CL = 15 pF || RL = 320Ω to VDD on VOL
75
Δt/Δv
ns/V
VDDIO = 1.55 V, CL = 25 pF || RL= 1600Ω to VSS on
75
VDDIO = 1.55 V, CL = 25 pF || RL= 600Ω to VSS on
75
IOH
VDDIO = 1.1 V
– 3.3 V
–10
mA
IOL
VDDIO = 1.1 V
– 3.3 V
10
mA
ILKG
VDDIO = 1.1 V
– 3.3 V
±100
nA
tINT
P0.x; VDD = 1.1 V – 3.3 V
200
ns
RPULL
Only pulldown implemented: VIN = VDDIO
30
35
40
k
Ω
CI
VIN = VSS or VDD
7
pF
6
Submit Documentation Feedback
Copyright
© 2012, Texas Instruments Incorporated
Product Folder Link(s) :AFE4110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com