Electronic Components Datasheet Search
  English  ▼

X  

AFE4110 Datasheet(PDF) 5 Page - Texas Instruments

Part # AFE4110
Description  MIXED SIGNAL MICROCONTROLLER
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE4110 Datasheet(HTML) 5 Page - Texas Instruments

  AFE4110 Datasheet HTML 1Page - Texas Instruments AFE4110 Datasheet HTML 2Page - Texas Instruments AFE4110 Datasheet HTML 3Page - Texas Instruments AFE4110 Datasheet HTML 4Page - Texas Instruments AFE4110 Datasheet HTML 5Page - Texas Instruments AFE4110 Datasheet HTML 6Page - Texas Instruments AFE4110 Datasheet HTML 7Page - Texas Instruments AFE4110 Datasheet HTML 8Page - Texas Instruments AFE4110 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 68 page
background image
AFE4110
www.ti.com
SLLSE48
– JANUARY 2012
Ports P1, P3 (except for P3.6, P3.7), RST, NMI, SVMOUT
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VDD = 1.1 V, IOH = –1 mA
(1) for ports P1, P3
VDD-0.25
VOH
VDD = 1.55 V, IOH = –1 mA
(1) for ports P1, P3
VDD-0.15
V
VDD = 1.1 V, IOH = –300 µA
(1) for ports P1, P3
VDD-0.15
VDD = 1.1 V, IOL = 2.5 mA
(2) for ports P1, P3
0.2
VOL
VDD = 1.55 V, IOL = 2.5 mA
(2) for ports P1, P3
0.15
V
VDD = 1.1 V, IOL = 300 µA
(2) for ports P1, P3
0.07
VDD = 1.55 V
0.3 x VDD
V
VIL
VDD = 1.1 V
0.25 x VDD
V
VDD = 1.55 V
0.7 x VDD
V
VIH
VDD = 1.55 V
0.75 x VDD
V
VHYS
Intrinsic Hysteresis
150
mV
VDD = 1.1V, CL = 15 pF || RL = 750Ω to Vss on VOH for ports P1, P3
75
VDD = 1.1 V, CL = 15 pF || RL = 320Ω to Vcc on VOL for ports P1, P3
75
Δt/Δv
ns/V
VDD = 1.55 V, CL = 25 pF || RL= 1600Ω to Vss on VOH for ports P1, P3
75
VDD = 1.55 V, CL = 25 pF || RL= 600Ω to Vss on VOL for ports P1, P3
75
IOH
VDD = 1.1 V – 1.55 V for ports P1, P3
–1
mA
IOL
VDD = 1.1 V – 1.55 V for ports P1, P3
2.5
mA
ILKG
VDD = 1.1 V – 1.55 V
±100
nA
tINT
P0.x; VDD = 1.1 V – 1.55 V
200
ns
RPULL
For pullup:VIN = VSS; For pulldown: VIN = VDD for ports P1, P3
30
35
40
k
Ω
RRST
Pullup on RST, NMI, SVMOUT
30
35
40
k
Ω
REXT
External pull up resistor on RST terminal (optional)
680
k
Ω
CI
VIN = VSS or VDD
7
pF
(1)
The maximum total current IOH, for all outputs combined should not exceed 5mA to hold the maximum voltage drop specified
(2)
The maximum total current IOL, for all outputs combined should not exceed 15mA to hold the maximum voltage drop specified
Copyright
© 2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Link(s) :AFE4110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com