Electronic Components Datasheet Search
  English  ▼

X  

AFE4110 Datasheet(PDF) 23 Page - Texas Instruments

Part # AFE4110
Description  MIXED SIGNAL MICROCONTROLLER
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE4110 Datasheet(HTML) 23 Page - Texas Instruments

Back Button AFE4110 Datasheet HTML 19Page - Texas Instruments AFE4110 Datasheet HTML 20Page - Texas Instruments AFE4110 Datasheet HTML 21Page - Texas Instruments AFE4110 Datasheet HTML 22Page - Texas Instruments AFE4110 Datasheet HTML 23Page - Texas Instruments AFE4110 Datasheet HTML 24Page - Texas Instruments AFE4110 Datasheet HTML 25Page - Texas Instruments AFE4110 Datasheet HTML 26Page - Texas Instruments AFE4110 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 68 page
background image
disable_p3_1
00
01
10
11
0
1
MCLK
CPUOFF
1
Divider
/1/2/4/8/16/32
3
DIVMx
0
1
ACLK
OSCOFF
1
Divider
/1/2/4/8/16/32
3
DIVAx
0
1
SMCLK
SCG1
1
Divider
/1/2/4/8/16/32
3
DIVSx
SELAx
HF – OSC
SCG0
SELMx
LF-OSC/
VLOCLK
SELSx
00
01
10
11
00
01
10
11
CLKIN/XIN/P3.0
ACLK enable logic
MCLK enable logic
SMCLK enable logic
VLOCLK
1
0
/2
DIVCLK
32KHz
XTAL
XOUT/P3.1
1
0
xt_byp
P3IN.4
P3OUT.1
P3REN.1
P3OUT.0
P3REN.0
xt_byp
EN
EN#
EN
EN
PORT_3.0 + PORT_3.1
AFE4110
www.ti.com
SLLSE48
– JANUARY 2012
Oscillator and System Clock
The clock system in the AFE4110 family of devices is supported by the Compact Clock System (CCS) module
that includes an internal 20kHz current controlled low frequency oscillator (LF-OSC), an internal adjustable
(1-5.4MHz) current controlled high frequency oscillator (HF-OSC), a 1KHz ultra low power oscillator for the
activation block, an external clock input from CLKIN, and a 32kHz crystal oscillator. The CCS module is designed
to meet the requirements of both low system cost and low-power consumption. The CCS provides a fast turn-on
of the oscillators in less than 1 ms.
The CCS module provides the following clock signals:
•
Auxiliary clock (ACLK) is software selectable for individual peripheral modules. ACLK is sourced from the
internal LF-OSC, the internal HF-OSC, an external source via CLKIN, or the crystal oscillator.
•
Main clock (MCLK) is the system clock used by the CPU. MCLK can be sourced by same sources made
available to ACLK.
•
Sub-Main clock (SMCLK), the subsystem master clock is software selectable by the peripheral modules.
SMCLK can be sourced by same sources made available to ACLK.
•
VLOCLK this is a low frequency clock sourced by LF-OSC that is constantly available.
Figure 1. Block Diagram of Compact Clock System (CCS)
Copyright
© 2012, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Link(s) :AFE4110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com