Electronic Components Datasheet Search
  English  ▼

X  

AFE4110 Datasheet(PDF) 27 Page - Texas Instruments

Part # AFE4110
Description  MIXED SIGNAL MICROCONTROLLER
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE4110 Datasheet(HTML) 27 Page - Texas Instruments

Back Button AFE4110 Datasheet HTML 23Page - Texas Instruments AFE4110 Datasheet HTML 24Page - Texas Instruments AFE4110 Datasheet HTML 25Page - Texas Instruments AFE4110 Datasheet HTML 26Page - Texas Instruments AFE4110 Datasheet HTML 27Page - Texas Instruments AFE4110 Datasheet HTML 28Page - Texas Instruments AFE4110 Datasheet HTML 29Page - Texas Instruments AFE4110 Datasheet HTML 30Page - Texas Instruments AFE4110 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 68 page
background image
AFE4110
www.ti.com
SLLSE48
– JANUARY 2012
Activation Block Hardware Status and Control Registers:
The Activation Block hardware registers control the method of entry and exit from deep sleep (LPM5) mode.
Additional features of the Activation Block registers include the following:
•
VBAT Power On Reset (POR) Circuit
– The VBAT POR is designed to reset the Activation block during initial
system power up that is typical of installation of a battery into the final product.
•
4-16bit words (8B) RAM
– This RAM is implemented in hardware registers. The contents of these registers is
cleared at inital system power up by VBAT POR. The fact that these registers are cleared at initial system
power up allow them to be used to determine whether the CPU is being powered up by battery insertion or
exit from LPM5.
•
16bit Sleep Counter
– The Activation block can be configured to exit LPM5 after the number of Activation
clock cycles that are selected. The counter can also be used as a general purpose down counter without
entering LPM5.
•
28bit Shelf Counter
– This counter starts incrementing after the first time the device enters LPM5. After the
first exit from LPM5 this counter stops and its outputs remain static until VBAT power is removed. The intent
is for this counter to record number of Activation clock periods between initial insertion of a battery in to the
final product and the first usage of the final product. In other words, this counter indicates the length of time
that the final product is on the shelf prior to being used by a consumer.
•
ACTIVE Sample Clock
– To minimize the power required for determining transitions on the ACTIVE pad, the
state of the ACTIVE pad is sampled only at intervals which are set by the duty cycle of the ACTIVE Sample
Clock. The period between samples and the duration of the sample interval are configurable.
The Activation Block 'strobe' registers are not memory mapped and require a multi-step procedure for Reads and
Writes of their contents from the CPU. The Activation register strobe refers to the hardware signal used to
capture data into the bank of hardware registers. The strobe number (strobe address) indicates the bank of
16-hardware registers to be accessed. Only 16-bit (word) accesses are supported.
Activation Strobe Register Read Procedure:
The steps to Read a particular Activation strobe register follows:
1. Write the strobe address of the Activation register to be Read to the ACTIVATION_RD_ADDR register
2. Wait 10-MCLK clock cycles for the transfer of selected data to the ACTIVATION_DATAIN register
3. Read to contents of the ACTIVATION_DATAIN register
Activation Strobe Register Write Procedure:
The steps to Write Activation strobe registers follows:
1. Write to data value to be transferred to the Activation hardware register to the ACTIVATION_DATAOUT
register
2. Wait 10-MCLK clock cycles for data to transfer to the Activation block
3. Write a '1' to the bit corresponding to the Activation hardware register to be written into the
ACTIVATION_STROBES register.
Note: If multiple bits are written in the ACTIVATION_STROBES register, multiple Activation hardware
registers will be written
Copyright
© 2012, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Link(s) :AFE4110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com