Electronic Components Datasheet Search
  English  ▼

X  

AFE4110 Datasheet(PDF) 9 Page - Texas Instruments

Part # AFE4110
Description  MIXED SIGNAL MICROCONTROLLER
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE4110 Datasheet(HTML) 9 Page - Texas Instruments

Back Button AFE4110 Datasheet HTML 5Page - Texas Instruments AFE4110 Datasheet HTML 6Page - Texas Instruments AFE4110 Datasheet HTML 7Page - Texas Instruments AFE4110 Datasheet HTML 8Page - Texas Instruments AFE4110 Datasheet HTML 9Page - Texas Instruments AFE4110 Datasheet HTML 10Page - Texas Instruments AFE4110 Datasheet HTML 11Page - Texas Instruments AFE4110 Datasheet HTML 12Page - Texas Instruments AFE4110 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 68 page
background image
AFE4110
www.ti.com
SLLSE48
– JANUARY 2012
A-POOL, Input Voltage Dividers
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
any Rx in dividers
±1.5%
ΔRx/Rx
any Rx across switches and internal supply voltage divider (by 4, by 8)
±2%
on A0/A1 ; VA0/VA1 = 0.5 V; ADIV0/ADIV1 = 1 (500 mV range)
120
200
300
RIN
on A2/A3 ; VA2/VA3 = 0.5 V; ADIV2/ADIV4 = 1 (1 V range)
80
133
190
k
Ω
on A2/A3 ; VA2/VA3 = 0.5 V; ADIV2 + ADIV3/ADIV4 + ADIV5 = 1 (2 V range)
70
114
150
ΔIVDD
ADIV7 = 1 (supply voltage divider on)
2
µA
A-POOL, DAC-8
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VREFEXT
VDD = 1.1 V – 1.55 V
256
mV
tSETTLE
On
±1 LSB steps (6τ); VDD = 1.1 V – 1.55 V; VREFEXT(typ); CVREF(min)
2
µs
Between all codes
>20 on AOUT (6τ); VDD = 1.1 V – 1.55 V; VREFEXT(typ);
14
µs
CVREF(min)
EI
±3
LSB
VDD = 1.1 V – 1.55 V; VREFEXT(typ); CVREF(min); (add ±7 mV
for VOUT offset
(1))
ED
±1
LSB
(1)
This offset can be compensated using proper software.
A-POOL, Comparator
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VIN
VDD = 1.1 V – 1.55 V
0
275
mV
Overdrive = 20 mV
0.5
tpd
Overdrive = 5 mV
0.5
µs
Overdrive = 1 mV
1
A-POOL, AOUT Pin
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
| ILOAD |
VDD = 1.1 V – 1.55 V; CLOAD = 25 pF; VOUT >50mV
5
µA
| ILOAD |
VDD = 1.1 V – 1.55 V; CLOAD = 25 pF; VOUT >20mV
2
µA
tSETTLE
VDD = 1.1 V – 1.55 V; CLOAD = 25 pF; ±1% (6τ) (for AOUT 20-256 mV)
4
µs
A-POOL, ADC-8 Counter
over operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fCNT
VDD = 1.1 V – 1.55 V
1
MHz
tCONV
Full conversion (all codes) at fCNT = 1MHz
256
µs
RAM
over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VOP
Operating temperature 0-70
°C, fCPU = 1MHz
1.1
V
VRET
Operating temperature 0-70
°C (tracks BOL level)
700
mV
Copyright
© 2012, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Link(s) :AFE4110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com