Electronic Components Datasheet Search
  English  ▼

X  

AFE4110 Datasheet(PDF) 22 Page - Texas Instruments

Part # AFE4110
Description  MIXED SIGNAL MICROCONTROLLER
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE4110 Datasheet(HTML) 22 Page - Texas Instruments

Back Button AFE4110 Datasheet HTML 18Page - Texas Instruments AFE4110 Datasheet HTML 19Page - Texas Instruments AFE4110 Datasheet HTML 20Page - Texas Instruments AFE4110 Datasheet HTML 21Page - Texas Instruments AFE4110 Datasheet HTML 22Page - Texas Instruments AFE4110 Datasheet HTML 23Page - Texas Instruments AFE4110 Datasheet HTML 24Page - Texas Instruments AFE4110 Datasheet HTML 25Page - Texas Instruments AFE4110 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 68 page
background image
AFE4110
SLLSE48
– JANUARY 2012
www.ti.com
Start-Up Code (SUC)
The AFE4110A Development Start-Up Code (DSUC) supports system debug via a JTAG connection to an
external emulator. After the release of RST/NMI, the DSUC checks for the presence of a JTAG emulator by
reading the contents of the JTAG Mailbox Register. If the emulation password is present in the JTAG Mailbox,
the DSUC unlocks full access to the on chip emulation features, then enters LPM4 while waiting for to enter the
debug session. If the emulation password is not present in the JTAG Mailbox, the DSUC initiates execution of
the Loader Code.
The AFE4110B Production Start-Up Code (PSUC) also supports system debug via a JTAG connection to an
external emulator. The difference is that the PSUC checks for the contents of the JTAG Mailbox Register for a
confidential password. If the confidential password is present in the JTAG Mailbox, the PSUC unlocks full access
to the on chip emulation features, then enters LPM4 while waiting for to enter the debug session. If the
confidential password is not present in the JTAG Mailbox when RST/NMI is released, the PSUC initates
execution of the custom ROM code.
Loader Code (Loader)
The AFE4110A Loader checks for the presence of an external SPI memory device containing a valid data/code
package. The Loader transfers a validated data/code package into Development RAM. During validation and
transfer, the on chip 1.85V charge pump is enabled to supply power to VDDIO and the external SPI memory
device. (PCB level connections are required.) Once the transfer of the data/code package is complete, the
charge pump is disabled, the AFE4110 registers are returned to their default contents, and execution of the code
loaded in Development RAM is initiated.
RAM Memory
The RAM memory is split into three ranges for different purposes: Application memory, lockable application
memory and calibration memory.
Lockable application memory and calibration memory can be protected against accidental erasure by setting a
dedicated lock bit in the special functions register (System Maintenance Register).
Note: The lockable memory is locked by default after release of RST/NMI or exit from LPM5. The user code must
clear the lock bits in the Special Function Register after release of RST/NMI or exit from LPM5 to enable writing
lockable memory.
Peripherals
Peripherals are connected to the CPU through data, address, and control busses and can be handled using all
instructions. For complete module descriptions, see the MSP430x5xx Family User's Guide (SLAU208) and the
MSP430x09x Family User's Guide (SLAU321).
Digital I/O
There are 4 I/O ports implemented: P1 (7 I/O lines), P2 (4 I/O lines), P3 (6 I/O lines) and P4 (4 I/O lines)
•
All individual I/O bits are independently programmable.
•
Any combination of input, output, and interrupt conditions is possible.
•
Programmable pullup or pulldown on P1 and P3(0-5) ports.
•
Programmable pullup on P2, P4 and P3(6,7) ports.
•
External VDD (VDDIO) supply (1.1-3.3V range) to P2, P4 and P3(6,7) ports.
•
Edge-selectable interrupt input capability for all ports.
•
Read/write access to port-control registers is supported by all instructions.
•
Ports can be accessed byte-wise (P1, P2, P3 and P4) or word-wise in pairs (P1/P2 combo).
22
Submit Documentation Feedback
Copyright
© 2012, Texas Instruments Incorporated
Product Folder Link(s) :AFE4110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com