Electronic Components Datasheet Search
  English  ▼

X  

AFE4110 Datasheet(PDF) 49 Page - Texas Instruments

Part # AFE4110
Description  MIXED SIGNAL MICROCONTROLLER
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE4110 Datasheet(HTML) 49 Page - Texas Instruments

Back Button AFE4110 Datasheet HTML 45Page - Texas Instruments AFE4110 Datasheet HTML 46Page - Texas Instruments AFE4110 Datasheet HTML 47Page - Texas Instruments AFE4110 Datasheet HTML 48Page - Texas Instruments AFE4110 Datasheet HTML 49Page - Texas Instruments AFE4110 Datasheet HTML 50Page - Texas Instruments AFE4110 Datasheet HTML 51Page - Texas Instruments AFE4110 Datasheet HTML 52Page - Texas Instruments AFE4110 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 68 page
background image
AFE4110
www.ti.com
SLLSE48
– JANUARY 2012
ANALOG_PORTCTL2: Analog Analog port control 2
15
14
13
12
11
10
9
8
–
–
–
–
–
–
–
–
r-0
r-0
r-0
r-0
r-0
r-0
r-0
r-0
7
6
5
4
3
2
1
0
dp1_6
dp1_5
dp3_5
dp3_4
dp3_3
dp3_2
dp3_1
dp3_0
rw-0
rw-0
rw-0
rw-0
rw-0
rw-0
rw-0
rw-0
disable_p3_0
Bit 0
"1" disables input driver. Use to enable connection analog voltage input w/o feed through current at PORTx.y
input driver stage(1)
disable_p3_1
Bit 1
"1" disables input driver. Use to enable connection analog voltage input w/o feed through current at PORTx.y
input driver stage(1)
disable_p3_2
Bit 2
"1" disables input driver. Use to enable connection analog voltage input w/o feed through current at PORTx.y
input driver stage (1)
disable_p3_3
Bit 3
"1" disables input driver. Use to enable connection analog voltage input w/o feed through current at PORTx.y
input driver stage (1)
disable_p3_4
Bit 4
"1" disables input driver. Use to enable connection analog voltage input w/o feed through current at PORTx.y
input driver stage (1)
disable_p3_5
Bit 5
"1" disables input driver. Use to enable connection analog voltage input w/o feed through current at PORTx.y
input driver stage(1)
disable_p1_5
Bit 6
"1" disables input driver. Use to enable connection analog voltage input w/o feed through current at PORTx.y
input driver stage (1)
disable_p1_6
Bit 7
"1" disables input driver. Use to enable connection analog voltage input w/o feed through current at PORTx.y
input driver stage (1)
(1)
force
'0' when test_atpg_en_i = '1'
ANALOG_TIMERCTL: Analog timer CCx input mux control
15
14
13
12
11
10
9
8
–
–
sel_timer1_cci2
–
–
sel_timer1_cci1
r-0
r-0
rw-0
rw-0
r-0
r-0
rw-0
rw-0
7
6
5
4
3
2
1
0
–
–
sel_timer0_cci2
–
–
sel_timer0_cci1
r-0
r-0
rw-0
rw-0
r-0
r-0
rw-0
rw-0
sel_port3_6, sel_port3_7: PORT3.6 and PORT3.7 Input multiplexer control
sel_timer0_cci1
Bits 1,0
0,0
0,1
1,0
1,1
Timer0 CCI1A
CxOUT from
Port P1.1
Port P1.2
Port P1.3
Input Select
APOOL
Timer0 CCI1B
Port P1.0
Port P1.4
Port P1.5
ACTIVATION_OSC_1KHZ
Input Select
sel_timer0_cci2
Bits 5,4
0,0
0,1
1,0
1,1
Timer0 CCI2A
CxOUT from
Port P1.1DIR
Port P1.2DIR
Port P1.3DIR
Input Select
APOOL
Timer0 CCI2B
Port P1.0DIR
Port P1.4DIR
Port P1.5DIR
SMCLK
Input Select
sel_timer1_cci1
Bits 9,8
0,0
0,1
1,0
1,1
Timer1 CCI1A
CxOUT from
Port P3.0
Port P3.1
Port P3.6
Input Select
APOOL
Timer1 CCI1B
Port P1.6
ACTIVATION_OSC_1KHZ
ACLK
SMCLK
Input Select
sel_timer1_cci2
Bits 13,12
0,0
0,1
1,0
1,1
Timer1 CCI2A
CxOUT from
Port P3.7
Port P3.4
Port P3.5
Input Select
APOOL
Timer1 CCI2B
Port P1.6DIR
ACTIVATION_OSC_1KHZ
ACLK
SMCLK
Input Select
Copyright
© 2012, Texas Instruments Incorporated
Submit Documentation Feedback
49
Product Folder Link(s) :AFE4110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com