Electronic Components Datasheet Search
  English  ▼

X  

AFE4110 Datasheet(PDF) 21 Page - Texas Instruments

Part # AFE4110
Description  MIXED SIGNAL MICROCONTROLLER
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE4110 Datasheet(HTML) 21 Page - Texas Instruments

Back Button AFE4110 Datasheet HTML 17Page - Texas Instruments AFE4110 Datasheet HTML 18Page - Texas Instruments AFE4110 Datasheet HTML 19Page - Texas Instruments AFE4110 Datasheet HTML 20Page - Texas Instruments AFE4110 Datasheet HTML 21Page - Texas Instruments AFE4110 Datasheet HTML 22Page - Texas Instruments AFE4110 Datasheet HTML 23Page - Texas Instruments AFE4110 Datasheet HTML 24Page - Texas Instruments AFE4110 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 68 page
background image
AFE4110
www.ti.com
SLLSE48
– JANUARY 2012
SFRRPCR, SFRRPCR_H, SFRRPCR_L, Reset Pin Control Register
15
14
13
12
11
10
9
8
–
–
–
–
–
–
–
–
r0
r0
r0
r0
r0
r0
r0
r0
7
6
5
4
3
2
1
0
–
–
–
–
SYSRSTRE
SYSRSTUP
SYSNMIES
SYSNMI
r0
r0
r0
r0
r1
r1
r1
rw-0
Reserved
Bits 15
–9
Reserved. Read back as 0
SYSRSTRE
Bit 3
Reset Pin resistor enable
0 Pullup / pulldown resistor at the RST/NMI pin is disabled
1 Pullup / pulldown resistor at the RST/NMI pin is enabled
SYSRSTUP
Bit 2
Reset resistor pin pullup / pulldown
0 Pulldown is selected
1 Pullup is selected
SYSNMIES
Bit 1
NMI edge select. This bit selects the interrupt edge for the NMI interrupt when SYSNMI = 1.
Modifying this bit can trigger an NMI. Modify this bit when SYSNMI = 0 to avoid triggering an
accidental NMI
0 NMI on rising edge
1 NMI on falling edge
SYSNMI
Bit 0
NMI select. This bit selects the function for the RST/NMI pin
0 Reset function
1 NMI function
Table 4. Memory Organization
TYPE
AFE4110A (Dev RAM)
Type
AFE4110B (Custom ROM)
Interrupt Vectors
RAM
32 B
ROM
32 B
0xFFE0(1)
– 0xFFFF
0xFFE0(1)
– 0xFFFF
Development RAM
RAM
14KB
—
—
0xC800
– 0xFFFF
Application ROM
—
—
ROM
14KB
0xC800
– 0xFFFF
TI Start Up Code (DSUC/PSUC)
ROM
2KB
ROM
2KB
0xC000
– 0xC7FF
0xC000
– 0xC7FF
TI Boot Loader Code
ROM
14KB
—
—
0x1E0
– 0x55FF
Application RAM
RAM
256B
RAM
256B
0x1D00
– 0x1DFF
0x1D00
– 0x1DFF
Application LRAM (lockable)
RAM
128B
RAM
128B
0x1C80
– 0x1CFF
0x1C80
– 0x1CFF
Calibration RAM (lockable)
RAM
128B
RAM
128B
0x1C00
– 0x1C7F
0x1C00
– 0x1C7F
Peripherals
Registers
4 kB
Registers
4 kB
0x0000
– 0x0FFF
0x0000
– 0x0FFF
(1)
not the whole interrupt vector range of CSYS is used on AFE4110 devices
Copyright
© 2012, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s) :AFE4110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com