Electronic Components Datasheet Search
  English  ▼

X  

AFE4110 Datasheet(PDF) 17 Page - Texas Instruments

Part # AFE4110
Description  MIXED SIGNAL MICROCONTROLLER
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE4110 Datasheet(HTML) 17 Page - Texas Instruments

Back Button AFE4110 Datasheet HTML 13Page - Texas Instruments AFE4110 Datasheet HTML 14Page - Texas Instruments AFE4110 Datasheet HTML 15Page - Texas Instruments AFE4110 Datasheet HTML 16Page - Texas Instruments AFE4110 Datasheet HTML 17Page - Texas Instruments AFE4110 Datasheet HTML 18Page - Texas Instruments AFE4110 Datasheet HTML 19Page - Texas Instruments AFE4110 Datasheet HTML 20Page - Texas Instruments AFE4110 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 68 page
background image
AFE4110
www.ti.com
SLLSE48
– JANUARY 2012
Operation Modes
The AFE4110 has one active mode and six software selectable low-power modes of operation. An interrupt
event can wake up the device from any of the five low-power modes, service the request and restore back to the
low-power mode on return from the interrupt program.
The following seven operating modes can be configured by software:
•
Active mode AM;
– All clocks are active
•
Low-power mode 0 (LPM0);
– CPU is disabled
– ACLK and SMCLK remain active for all sources
– MCLK is disabled
•
Low-power mode 1 (LPM1);
– CPU is disabled
– ACLK and SMCLK remain active (for LF-Osc and CLKIN as source; HF-Osc is mapped to LF-Osc as
source)
– MCLK is disabled
•
Low-power mode 2 (LPM2);
– CPU is disabled
– MCLK is disabled
– SMCLK is disabled
– ACLK remains active for all sources
•
Low-power mode 3 (LPM3);
– CPU is disabled
– MCLK is disabled
– SMCLK is disabled
– ACLK remains active (for LF-Osc and CLKIN as source; HF-Osc is mapped to LF-Osc as source)
•
Low-power mode 4 (LPM4);
– CPU is disabled
– ACLK is disabled
– MCLK is disabled
– Oscillators are stopped (exclude Activation Block 1kHz local oscillator)
•
Low-power mode 5 (LPM5);
– CPU core and peripherials are powered off (Application and Calibration RAM contents are not retained.)
– Activation Block, 1kHz local oscillator, and 8 bytes RAM remain active
Copyright
© 2012, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Link(s) :AFE4110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com