Electronic Components Datasheet Search
  English  ▼

X  

AFE4110 Datasheet(PDF) 28 Page - Texas Instruments

Part # AFE4110
Description  MIXED SIGNAL MICROCONTROLLER
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE4110 Datasheet(HTML) 28 Page - Texas Instruments

Back Button AFE4110 Datasheet HTML 24Page - Texas Instruments AFE4110 Datasheet HTML 25Page - Texas Instruments AFE4110 Datasheet HTML 26Page - Texas Instruments AFE4110 Datasheet HTML 27Page - Texas Instruments AFE4110 Datasheet HTML 28Page - Texas Instruments AFE4110 Datasheet HTML 29Page - Texas Instruments AFE4110 Datasheet HTML 30Page - Texas Instruments AFE4110 Datasheet HTML 31Page - Texas Instruments AFE4110 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 68 page
background image
AFE4110
SLLSE48
– JANUARY 2012
www.ti.com
The table below describes the function of the Activation strobe registers.
Table 7. Activation Strobe Register Function Table
data in #
strobe0
strobe1
strobe2
strobe3
strobe4
strobe5
strobe6
strobe 7
data in 0
RAM
RAM
RAM
RAM
sleep
ACTIVE
Res_sel
counter
reg 0
reg 1
reg 2
reg 3
Sample Clk Period
data in 1
RAM
RAM
RAM
RAM
sleep
ACTIVE
PD_sel
ACTCLK_Freq_Sel
<2:0>
counter
reg 0
reg 1
reg 2
reg 3
Sample Clk Period
data in 2
RAM
RAM
RAM
RAM
sleep
ACTIVE
Always_sample
counter
reg 0
reg 1
reg 2
reg 3
Sample Clk Period
data in 3
RAM
RAM
RAM
RAM
sleep
ACTIVE
Inv_mode
Reserved
counter
reg 0
reg 1
reg 2
reg 3
Sample Clk Period
data in 4
RAM
RAM
RAM
RAM
sleep
ACTIVE
Switch_sample_mode_SW
Reserved
counter
reg 0
reg 1
reg 2
reg 3
Sample Clk Period
data in 5
RAM
RAM
RAM
RAM
sleep
ACTIVE
Switch_sample_mode
Reserved
counter
reg 0
reg 1
reg 2
reg 3
Sample Clk Period
data in 6
RAM
RAM
RAM
RAM
sleep
ACTIVE
In_mod_sel
Reserved
counter
reg 0
reg 1
reg 2
reg 3
Sample Clk Period
data in 7
RAM
RAM
RAM
RAM
sleep
ACTIVE
Sleep_mode_sel
Reserved
counter
reg 0
reg 1
reg 2
reg 3
Sample Clk Period
data in 8
RAM
RAM
RAM
RAM
sleep
ACTIVE
Reserved
Reserved
counter
reg 0
reg 1
reg 2
reg 3
Sample Clk Period
data in 9
RAM
RAM
RAM
RAM
sleep
ACTIVE
Sleep_start
Reserved
counter
reg 0
reg 1
reg 2
reg 3
Sample Clk Period
data in 10
RAM
RAM
RAM
RAM
sleep
ACTIVE
Timer_mode
Reserved
counter
reg 0
reg 1
reg 2
reg 3
Sample Clk Period
data in 11
RAM
RAM
RAM
RAM
sleep
ACTIVE
Reserved
Reserved
counter
reg 0
reg 1
reg 2
reg 3
Sample Clk Period
data in 12
RAM
RAM
RAM
RAM
sleep
ACTIVE
Reserved
Reserved
counter
reg 0
reg 1
reg 2
reg 3
Sample Clk Period
data in 13
RAM
RAM
RAM
RAM
sleep
ACTIVE
DISCHRG_Vbat
Reserved
counter
reg 0
reg 1
reg 2
reg 3
Sample Clk Width
data in 14
RAM
RAM
RAM
RAM
sleep
ACTIVE
DISCHRG_VCC
Reserved
counter
reg 0
reg 1
reg 2
reg 3
Sample Clk Width
data in 15
RAM
RAM
RAM
RAM
sleep
ACTIVE
Reserved
Reserved
counter
reg 0
reg 1
reg 2
reg 3
Sample Clk Width
Strobe0 - Strobe3: Activation Block RAM Registers
RAM Reg0 - RAM Reg3 - Bits 15 - 0 - Constantly powered registers for used as RAM (Cleared by assertion of
VBAT POR)
Strobe4: Sleep Counter Register
Sleep_counter - Bits 15 - 0 - Sleep counter output value
Strobe5: ACTIVE Sample Clock Configuration Register
ACTIVE_Sample_Clock_Period - Bits 12 - 0 - Number of ACTCLK cycles per period of the ACTIVE sample
clock
0x0000 sets the sampling period to ~8192ms
0x0001 sets the sampling period to ~1ms...
0x0009 sets the sampling period to ~9ms ...
0x1FFF sets the sampling frequency to ~8192ms
ACTIVE_Sample_Clock_Width - Bits 15 - 13 - Number of ACTCLK half-cycles per sample interval of the
ACTIVE sample clock
Strobe6: LPM5 Configuration Register
Res_sel - Bit 0 - PU/PD Resistor Select
1 - 500K
Ω resister selected
0 - 50K
Ω resister selected
28
Submit Documentation Feedback
Copyright
© 2012, Texas Instruments Incorporated
Product Folder Link(s) :AFE4110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com