Electronic Components Datasheet Search
  English  ▼

X  

AFE4110 Datasheet(PDF) 63 Page - Texas Instruments

Part # AFE4110
Description  MIXED SIGNAL MICROCONTROLLER
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE4110 Datasheet(HTML) 63 Page - Texas Instruments

Back Button AFE4110 Datasheet HTML 59Page - Texas Instruments AFE4110 Datasheet HTML 60Page - Texas Instruments AFE4110 Datasheet HTML 61Page - Texas Instruments AFE4110 Datasheet HTML 62Page - Texas Instruments AFE4110 Datasheet HTML 63Page - Texas Instruments AFE4110 Datasheet HTML 64Page - Texas Instruments AFE4110 Datasheet HTML 65Page - Texas Instruments AFE4110 Datasheet HTML 66Page - Texas Instruments AFE4110 Datasheet HTML 67Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 68 page
background image
P 3 REN.x
00
01
10
11
00
01
10
11
P3OUT.x
fromModule
P3SEL0.x
P3SEL1.x
0
1
Vcc
Vss
P3IN. x
D
ModuleXIN
#
from LDO1V
PadLogic
to A-Pool
From ApoolRegister
PortsOn
P3IRQ. x
P3IE.x
P3IES. x
Set
Q
P3IFG. x
P3DIR.x
EN1
EN2
30K
from LDO_IO_sel
P3.x
fromModule
fromModule
AFE4110
www.ti.com
SLLSE48
– JANUARY 2012
Figure 19. Port P3, P3.3, Input/Output
Table 22. Port P3 (P3.3) Functions
CONTROL BITS/SIGNALS(1)
PIN NAME (P3.x)
x
FUNCTION
LDO_IO_sel
P1DIR.x
P1SEL1.x
P1SEL0.x
NSELx/PSELx
<3-0>
P3.3/ TA0.1/TA1.1/TA1.0/A0/LDO1
3
General-purpose digital I/O
In:0; Out:1
0
0
0
0XXX
Timer0_A3 Out1 output
1
0
1
0
0XXX
Timer1_A3 Out1 output
1
1
0
0
0XXX
Timer1_A3 Out0 output
1
1
1
0
0XXX
Analog input A0
– A-Pool
X
X
X
0
XXXX
LDO 1V Out
1
X
X
X
1XXX
(1)
X = Don
't care
Copyright
© 2012, Texas Instruments Incorporated
Submit Documentation Feedback
63
Product Folder Link(s) :AFE4110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com