Electronic Components Datasheet Search
  English  ▼

X  

AFE4110 Datasheet(PDF) 14 Page - Texas Instruments

Part # AFE4110
Description  MIXED SIGNAL MICROCONTROLLER
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE4110 Datasheet(HTML) 14 Page - Texas Instruments

Back Button AFE4110 Datasheet HTML 10Page - Texas Instruments AFE4110 Datasheet HTML 11Page - Texas Instruments AFE4110 Datasheet HTML 12Page - Texas Instruments AFE4110 Datasheet HTML 13Page - Texas Instruments AFE4110 Datasheet HTML 14Page - Texas Instruments AFE4110 Datasheet HTML 15Page - Texas Instruments AFE4110 Datasheet HTML 16Page - Texas Instruments AFE4110 Datasheet HTML 17Page - Texas Instruments AFE4110 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 68 page
background image
AFE4110
SLLSE48
– JANUARY 2012
www.ti.com
PIN FUNCTIONS (continued)
PIN
I/O(1)
DESCRIPTION
NAME
NO.
P1.6/TA0.2/TA0.1/TA1.2/TA1.CCI1B0/
49
I/O
General-purpose digital I/O
TA1.CCI2B0
Timer0_A3 Out2 output
Timer0_A3 Out1 output
Timer1_A3 Out2 output
Timer1_A3 CCR1B0 capture: CCI1B0 input, compare
Timer1_A3 CCR2B0 capture: CCI2B0 input, compare
P3.3/ TA0.1/TA1.1/TA1.0/A0/LDO1
50
I/O
General-purpose digital I/O
Timer0_A3 Out1 output
Timer1_A3 Out1 output
Timer1_A3 Out0 output
LDO 1V Out
Analog input A0
– A-Pool
P3.2/ TA0.1/TA1.1/TA1.0
51
I/O
General-purpose digital I/O
Timer0_A3 Out1 output
Timer1_A3 Out1 output
Timer1_A3 Out0 output
ACTIVE
52
I
Sleep Mode (LPM5) activation pin
VBAT
53
Power
Battery Power, Switched from VDD
VSS/GND
54
Power
Analog and Digital Power Supply Ground Reference
VDD
55
Power
Analog and Digital Power Supply
14
Submit Documentation Feedback
Copyright
© 2012, Texas Instruments Incorporated
Product Folder Link(s) :AFE4110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com