Electronic Components Datasheet Search
  English  ▼

X  

AFE4110 Datasheet(PDF) 24 Page - Texas Instruments

Part # AFE4110
Description  MIXED SIGNAL MICROCONTROLLER
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE4110 Datasheet(HTML) 24 Page - Texas Instruments

Back Button AFE4110 Datasheet HTML 20Page - Texas Instruments AFE4110 Datasheet HTML 21Page - Texas Instruments AFE4110 Datasheet HTML 22Page - Texas Instruments AFE4110 Datasheet HTML 23Page - Texas Instruments AFE4110 Datasheet HTML 24Page - Texas Instruments AFE4110 Datasheet HTML 25Page - Texas Instruments AFE4110 Datasheet HTML 26Page - Texas Instruments AFE4110 Datasheet HTML 27Page - Texas Instruments AFE4110 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 68 page
background image
RST/NMI/
SVMOUT
Brownout
Circuit
& Delay
RSTNMI
clr
Reset
Logic
SWBOR
BOR
POR
PUC
Reset-
signals
and
violations
Interrupt
signals
maskable/
unmaskable
Interrupt
Logic
nmi
CPU
irq
SVMOE
fromSVMlogic
SVMPD
PortsOn
SVMPO
set
SVSEN
SWPOR
AFE4110
SLLSE48
– JANUARY 2012
www.ti.com
Watchdog Timer (WDT_A)
The primary function of the watchdog timer (WDT_A) module is to perform a controlled system restart after a
software problem occurs. If the selected time interval expires, a system reset is generated. If the watchdog
function is not needed in an application, the module can be configured as an interval timer and can generate
interrupts at selected time intervals. For a complete description of WDT_A, see the Watchdog Timer (WDT_A)
section of the MSP430x09x Family Users Guide (SLAU321).
Table 5. WDT_A Signal Connections
DEVICE CLOCK SIGNAL
MODULE CLOCK SIGNAL
ACLK
ACLK
SMCLK
SMCLK
LF-OSC-CLK
VLOCLK
HF-OSC-CLK
X-CLK
Compact System Module (C-SYS)
The Compact SYS module handles many of the system functions within the device. These include power on
reset and power up clear handling, NMI source selection and management, reset interrupt vector generators, as
well as, configuration management. It also includes a data exchange mechanism via JTAG called a JTAG
mailbox that can be used in the application. For a complete description of C-SYS, see the Compact System
chapter of the MSP430x09x Family Users Guide (SLAU321).
Reset/NMI/SVMOUT System
The Reset system of the MSP430x09x family features the function Reset input, Reset output, NMI input, SVM
output and SVS input.
Figure 2. Block Diagram of Reset/NMI/SVM and PortsOn logic
24
Submit Documentation Feedback
Copyright
© 2012, Texas Instruments Incorporated
Product Folder Link(s) :AFE4110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com