Electronic Components Datasheet Search
  English  ▼

X  

AFE4110 Datasheet(PDF) 32 Page - Texas Instruments

Part # AFE4110
Description  MIXED SIGNAL MICROCONTROLLER
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE4110 Datasheet(HTML) 32 Page - Texas Instruments

Back Button AFE4110 Datasheet HTML 28Page - Texas Instruments AFE4110 Datasheet HTML 29Page - Texas Instruments AFE4110 Datasheet HTML 30Page - Texas Instruments AFE4110 Datasheet HTML 31Page - Texas Instruments AFE4110 Datasheet HTML 32Page - Texas Instruments AFE4110 Datasheet HTML 33Page - Texas Instruments AFE4110 Datasheet HTML 34Page - Texas Instruments AFE4110 Datasheet HTML 35Page - Texas Instruments AFE4110 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 68 page
background image
AFE4110
SLLSE48
– JANUARY 2012
www.ti.com
This is a read only register.
act_sense
Bit 0
Logic high signal indicate sense button changed state (pushed)
act_sleep
Bit 1
Sleep Comparator OUT. Can be configured like MSP Timer_0 out (INT_rise, INT fall, Level Latch High, Level latch
Low)
act_test
Bit 2
Counter out for testing
ACTIVATION_SENSE: Activation Sense
15
14
13
12
11
10
9
8
–
–
–
–
–
–
–
–
r-0
r-0
r-0
r-0
r-0
r-0
r-0
r-0
7
6
5
4
3
2
1
0
–
–
–
–
–
–
–
Act_sense_cir
r-0
r-0
r-0
r-0
r-0
r-0
r-0
r-0
This is a self clearing register
activation_sense_cir Bit 0
Acknowledge for clearing the sense_interrupt signal (should be a high pulse that can comes from SW or
HW)
Timer0_A3
Timer0_A3 is a 16-bit timer/counter with three capture/compare registers. Timer0_A3 can support multiple
capture/compares, PWM outputs, and interval timing. Timer0_A3 also has extensive interrupt capabilities.
Interrupts may be generated from the counter on overflow conditions and from each of the capture/compare
registers. AFE4110 Timer-0 has different Clocks Sources and CCx input multiplexing, compared to MSP430x5
documentation. Timer-0 Clock sources and the CCx input signals described in this document.
32
Submit Documentation Feedback
Copyright
© 2012, Texas Instruments Incorporated
Product Folder Link(s) :AFE4110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com