Electronic Components Datasheet Search
  English  ▼

X  

AFE4110 Datasheet(PDF) 2 Page - Texas Instruments

Part # AFE4110
Description  MIXED SIGNAL MICROCONTROLLER
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE4110 Datasheet(HTML) 2 Page - Texas Instruments

  AFE4110 Datasheet HTML 1Page - Texas Instruments AFE4110 Datasheet HTML 2Page - Texas Instruments AFE4110 Datasheet HTML 3Page - Texas Instruments AFE4110 Datasheet HTML 4Page - Texas Instruments AFE4110 Datasheet HTML 5Page - Texas Instruments AFE4110 Datasheet HTML 6Page - Texas Instruments AFE4110 Datasheet HTML 7Page - Texas Instruments AFE4110 Datasheet HTML 8Page - Texas Instruments AFE4110 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 68 page
background image
Clock
System
MCLK
ACLK
SMCLK
Watchdog
WDTA
32/16-bit
Timer0_A3
3 CC
Registers
Analog-Pool
ULV-Ref,
8-bit ADC,
8-Bit DAC,
Comparator
SVS
HF-OSC
Timer1_A3
3 CC
Registers
P3.0
CLKIN,
XTIN
LF-OSC
ULV
Brownout
P1.0...P1.6,
P3.0...P3.5
LCD
48
Segments
Reset
Int-Logic
16KB
ROM
I/O Port
VCC
I/O Port
Vcc/1.8V/
3.3V
JTAG,
SPI,
BUZZER
P3.6,P3.7
P2.0-P2.3
P4.0-P4.3
GND/Vss
VBAT
Power
Activation,
CPU &
Working
Registers
4W-JTAG
Debug
Support
CORE
TMS, TCK,
TDI, TDO
Vref
RST/NMI/SVMOUT
VDDIO
ACTIV
32XTL
P3.1
XTOUT
4COM X
12SEG
1V
LDO,
1.8V
Charge
Pump
1.8V 1.0V
AFE4110
SLLSE48
– JANUARY 2012
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
DESCRIPTION
The Texas Instruments MSP430 family of low-power mixed signal ASSPs consists of many devices featuring
different sets of peripherals targeted for various consumer medical applications. The AFE4110 CPU architecture
is based on the popular ultra low power Texas Instruments MSP430 RISC processor.
The AFE4110 configuration with two 16-bit timers, integrated 48-segment LCD driver, programmable Analog
Pool, supply voltage monitor and internal reference voltage source is particularly well suited for implementation of
low cost digital thermometers operating from a single cell SR60 battery. The capability to correct the on chip high
frequency oscillator output facilitates the generation and measurement of real time intervals. For many
applications, this capability allows system designers to eliminate a clock crystal from the system BOM.
ORDERING INFORMATION(1)
TA
ORDERABLE PART
0
ºC to 70ºC
AFE4110B000YS
(1)
For the most current package and ordering information, see the Package Option Addendum at the end
of this document, or see the TI web site at www.ti.com.
FUNCTIONAL BLOCK DIAGRAM, AFE4110
2
Submit Documentation Feedback
Copyright
© 2012, Texas Instruments Incorporated
Product Folder Link(s) :AFE4110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com