Electronic Components Datasheet Search
  English  ▼

X  

AFE4110 Datasheet(PDF) 1 Page - Texas Instruments

Part # AFE4110
Description  MIXED SIGNAL MICROCONTROLLER
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE4110 Datasheet(HTML) 1 Page - Texas Instruments

  AFE4110 Datasheet HTML 1Page - Texas Instruments AFE4110 Datasheet HTML 2Page - Texas Instruments AFE4110 Datasheet HTML 3Page - Texas Instruments AFE4110 Datasheet HTML 4Page - Texas Instruments AFE4110 Datasheet HTML 5Page - Texas Instruments AFE4110 Datasheet HTML 6Page - Texas Instruments AFE4110 Datasheet HTML 7Page - Texas Instruments AFE4110 Datasheet HTML 8Page - Texas Instruments AFE4110 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 68 page
background image
AFE4110
www.ti.com
SLLSE48
– JANUARY 2012
MIXED SIGNAL MICROCONTROLLER
Check for Samples: AFE4110
1
FEATURES
•
Ultra Low Supply-Voltage (ULV) Range
– Extended Input Multiplexer for High
Accuracy RC Discharge Measurement
– 1.1V - 1.55V Unregulated Single Cell Battery
Operation (CPU, System Core, and Timers)
•
ULV Analog Pool
– 3mA 1.85V Internal Charge Pump for
– 8-Bit Analog-to-Digital Converter (ADC)
External EEPROM (R/W), VDDIO, and
– 8-Bit Digital-to-Analog Converter (DAC)
Internal LCD Controller
– Programmable Comparator (COMP)
– 60µA 3.3V Regulated Charge Pump for LCD
– Supply-Voltage-Monitoring (SVM)
Drive Pads
– Internal Temperature Sensor
•
Low Power Consumption
– Internal Voltage Reference
– Active Mode (AM): 45µA/MHz (1.55V)
– 1V Regulated (LDO) Outputs
– Standby Mode (LPM3, LCD): < 25μA
•
32-Bit Watch-Dog-Timer (WDT-A)
– Deep Sleep Mode (LPM5):<0.4μA
•
21-Configurable Analog I/O or Digital GPIO
– 8-Bytes Battery Backed RAM for Calibration
Pads,
Retention
– 2-Power GPIO for 10mA VDD/1.85/3.6V
– Wakeup From Periodic Timer or External
Buzzer Load
Interrupt
– 10-GPIO for VDDIO Operation with
– Wake-Up from LPM5 in 10ms, Wake-Up
VDD/1.85/3.6V Internal Level Shifting
from LPM4 in 5
μs
– 11-GPIO for VDD Operation (1.1V - 1.55V)
•
16-Bit RISC Architecture
– 4-Regulated 1V (LDO) Analog Outputs
– Extended Instructions
– 1-250mV DAC Analog Output
– 125ns Instruction Cycle Time
– 6-Analog Comparator/ADC Inputs
•
Compact Clock System
•
SPI EEPROM Bootstrap Loader (AFE4110A)
– Internal Trimmable High Frequency Clock
•
Full Four Wire JTAG Debug Interface
Oscillator with Discrete Frequency
•
Family Members Include:
Selections Between 1MHz and 5.4MHz
– AFE4110B:
– 20kHz Internal low Frequency Clock
Oscillator
– 512B RAM Memory
– External Clock Input (Upto 8MHz)
– 16KB ROM (TI PSUC, Custom)
AFE4110A:
– 32kHz Crystal Oscillator
– 14KB RAM + 512B RAM
•
Internal High Frequency Oscillator Frequency
Correction
– 16KB ROM (TI DSUC,TI Bootloader)
– Facilitates Generation and Measurement of
•
55-Bonding Pads Available as Tested Wafers,
Real Time Intervals Without a Clock Crystal
See the Ordering Information for Other
Options
– Utilizes Factory Calibration (E-Fuse), S/W,
and a Single External 1M
Ω Resistor
APPLICATIONS
•
Integrated LCD Controller
•
For any application requiring a full analog
– Drives 4-Mux, 3-Mux, 2-Mux, or Static Mode
signal chain and an LCD display driver such
LCDs
as digital thermometers, pedometers,
– Up to 48 (4x12) LCD Segments
thermostats, and other portable single alkaline
•
Two 16-Bit Timer0_A3 with Three
battery devices.
Capture/Compare Registers
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright
© 2012, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - AFE4110

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE4300 TI1-AFE4300 Datasheet
334Kb / 30P
Low-Cost, Integrated Analog Front-End for Weight-Scale and Body Composition Measurement
AFE4300 TI2-AFE4300 Datasheet
383Kb / 10P
AFE4300 Low-Cost, Integrated Analog Front-End for Weight-Scale and Body Composition Measurement
AUGUST 2019
AFE4300PN TI1-AFE4300PN Datasheet
309Kb / 30P
Low-Cost, Integrated Analog Front-End for Weight-Scale and Body Composition Measurement
AFE4300PN TI1-AFE4300PN Datasheet
334Kb / 30P
Low-Cost, Integrated Analog Front-End for Weight-Scale and Body Composition Measurement
AFE4300PN TI2-AFE4300PN Datasheet
383Kb / 10P
AFE4300 Low-Cost, Integrated Analog Front-End for Weight-Scale and Body Composition Measurement
AUGUST 2019
More results

Similar Description - AFE4110

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSP430X43X1 TI-MSP430X43X1 Datasheet
1Mb / 73P
MIXED SIGNAL MICROCONTROLLER
MSP430F23X0 TI-MSP430F23X0 Datasheet
1Mb / 64P
MIXED SIGNAL MICROCONTROLLER
MSP430X47X3 TI-MSP430X47X3_07 Datasheet
1Mb / 76P
MIXED SIGNAL MICROCONTROLLER
MSP430X43X1 TI-MSP430X43X1_08 Datasheet
1Mb / 73P
MIXED SIGNAL MICROCONTROLLER
MSP430FE42XA TI-MSP430FE42XA Datasheet
670Kb / 44P
MIXED SIGNAL MICROCONTROLLER
MSP430F543X TI-MSP430F543X_1 Datasheet
927Kb / 90P
MIXED SIGNAL MICROCONTROLLER
MSP430F533 TI1-MSP430F533 Datasheet
918Kb / 101P
MIXED SIGNAL MICROCONTROLLER
MSP430F534 TI1-MSP430F534 Datasheet
779Kb / 83P
MIXED SIGNAL MICROCONTROLLER
MSP430F643 TI1-MSP430F643 Datasheet
951Kb / 106P
MIXED SIGNAL MICROCONTROLLER
MSP430F530X TI1-MSP430F530X_12 Datasheet
1Mb / 100P
MIXED SIGNAL MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com