Electronic Components Datasheet Search
  English  ▼

X  

AFE4110 Datasheet(PDF) 45 Page - Texas Instruments

Part # AFE4110
Description  MIXED SIGNAL MICROCONTROLLER
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE4110 Datasheet(HTML) 45 Page - Texas Instruments

Back Button AFE4110 Datasheet HTML 41Page - Texas Instruments AFE4110 Datasheet HTML 42Page - Texas Instruments AFE4110 Datasheet HTML 43Page - Texas Instruments AFE4110 Datasheet HTML 44Page - Texas Instruments AFE4110 Datasheet HTML 45Page - Texas Instruments AFE4110 Datasheet HTML 46Page - Texas Instruments AFE4110 Datasheet HTML 47Page - Texas Instruments AFE4110 Datasheet HTML 48Page - Texas Instruments AFE4110 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 68 page
background image
AFE4110
www.ti.com
SLLSE48
– JANUARY 2012
cp_1p8_clk_refresh_freq table:
cp_1p8_clk_valid_level table:
Setting
Freq
Setting
Freq
00
156.25 Hz
00
1.75 V
01
312.5 Hz
01
1.8 V
10
312.5 Hz
10
1.85 V
11
625 Hz
11
1.9 V
The clock output is a single 50
µs pulse
ANALOG_LCDCPCFG: Analog LCD charge pump controlR
15
14
13
12
11
10
9
8
–
–
–
–
–
–
–
–
r-0
r-0
r-0
r-0
r-0
r-0
r-0
r-0
7
6
5
4
3
2
1
0
–
–
–
Force_clk
–
–
–
clk_sel
r-0
r-0
r-0
rw-0
r-0
r-0
r-0
rw-0
lcd_cp_clk_sel
Bit 0
NC (Not connected)
lcd_cp_force_clk
Bit 4
NC
ANALOG_LCDPCTL: Analog LCDP control
15
14
13
12
11
10
9
8
seg11_en
seg10_en
seg9_en
seg8_en
seg7_en
seg6_en
seg5_en
seg4_en
rw-1
rw-1
rw-1
rw-1
rw-1
rw-1
rw-1
rw-1
7
6
5
4
3
2
1
0
seg3_en
seg2_en
seg1_en
seg0_en
com3_en
com2_en
com1_en
com0_en
rw-1
rw-1
rw-1
rw-1
rw-1
rw-1
rw-1
rw-1
com0_en
Bit 0
Enable LCD pin common 0. "1"
– enable, "0" – disable
com1_en
Bit 1
Enable LCD pin common 1. "1"
– enable, "0" – disable
com2_en
Bit 2
Enable LCD pin common 2. "1"
– enable, "0" – disable
com3_en
Bit 3
Enable LCD pin common 3. "1"
– enable, "0" – disable
seg0_en
Bit 4
Enable LCD pin segment 0. "1"
– enable, "0" – disable
seg1_en
Bit 5
Enable LCD pin segment 1. "1"
– enable, "0" – disable
seg2_en
Bit 6
Enable LCD pin segment 2. "1"
– enable, "0" – disable
seg3_en
Bit 7
Enable LCD pin segment 3. "1"
– enable, "0" – disable
seg4_en
Bit 8
Enable LCD pin segment 4. "1"
– enable, "0" – disable
seg5_en
Bit 9
Enable LCD pin segment 5. "1"
– enable, "0" – disable
seg6_en
Bit 10
Enable LCD pin segment 6. "1"
– enable, "0" – disable
seg7_en
Bit 11
Enable LCD pin segment 7. "1"
– enable, "0" – disable
seg8_en
Bit 12
Enable LCD pin segment 8. "1"
– enable, "0" – disable
seg9_en
Bit 13
Enable LCD pin segment 9. "1"
– enable, "0" – disable
seg10_en
Bit 14
Enable LCD pin segment 10. "1"
– enable, "0" – disable
seg11_en
Bit 15
Enable LCD pin segment 11. "1"
– enable, "0" – disable
To enable the LCD both the relevant ANALOG_LCDPCTL bit should be set to 1 and the LCDON bit in LCD
register LCDBCTL0 should be set to 1.
Copyright
© 2012, Texas Instruments Incorporated
Submit Documentation Feedback
45
Product Folder Link(s) :AFE4110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com