Electronic Components Datasheet Search
  English  ▼

X  

UPD17015GS Datasheet(PDF) 28 Page - NEC

Part # UPD17015GS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR PORTABLE RADIOS
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17015GS Datasheet(HTML) 28 Page - NEC

Back Button UPD17015GS Datasheet HTML 24Page - NEC UPD17015GS Datasheet HTML 25Page - NEC UPD17015GS Datasheet HTML 26Page - NEC UPD17015GS Datasheet HTML 27Page - NEC UPD17015GS Datasheet HTML 28Page - NEC UPD17015GS Datasheet HTML 29Page - NEC UPD17015GS Datasheet HTML 30Page - NEC UPD17015GS Datasheet HTML 31Page - NEC UPD17015GS Datasheet HTML 32Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 120 page
background image
28
µPD17015
7.2
CONFIGURATION AND FUNCTIONS OF THE COMPONENTS OF THE ALU BLOCK
7.2.1
ALU
In response to a programmed instruction, the ALU performs 4-bit arithmetic or logic processing, bit discrimination,
comparative discrimination, rotation, or transfer.
7.2.2
Temporary Storage Registers A and B
Temporary storage registers A and B temporarily hold the 4-bit data.
These registers are automatically used when an instruction is executed. They cannot be controlled by a program.
7.2.3
Program Status Word
A program status word controls the operation of the ALU and holds the status of the ALU.
For details of the program status word, see Section 5.2.
7.2.4
Decimal Conversion Circuit
If the BCD flag of the program status word is set to 1 when an arithmetic operation is executed, the decimal
conversion circuit converts the results of the arithmetic operation to a decimal number.
7.2.5
Address Controller
The address controller specifies an address in data memory.
7.3
ALU OPERATIONS
Table 7-1 lists the operations performed by the ALU when instructions are executed.
Table 7-2 lists the converted decimal data used in decimal operations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com