Electronic Components Datasheet Search
  English  ▼

X  

UPD17015GS Datasheet(PDF) 89 Page - NEC

Part # UPD17015GS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR PORTABLE RADIOS
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17015GS Datasheet(HTML) 89 Page - NEC

Back Button UPD17015GS Datasheet HTML 85Page - NEC UPD17015GS Datasheet HTML 86Page - NEC UPD17015GS Datasheet HTML 87Page - NEC UPD17015GS Datasheet HTML 88Page - NEC UPD17015GS Datasheet HTML 89Page - NEC UPD17015GS Datasheet HTML 90Page - NEC UPD17015GS Datasheet HTML 91Page - NEC UPD17015GS Datasheet HTML 92Page - NEC UPD17015GS Datasheet HTML 93Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 120 page
background image
89
µPD17015
14.6
DEVICE OPERATION CONTROL BY THE CE PIN
The CE pin controls the following functions by means of the input level and rising edge of a signal received from
the outside:
(1) PLL frequency synthesizer
(2) Clock-stop instruction disable/enable
(3) Device reset
14.6.1
PLL Frequency Synthesizer Operation Control
The PLL frequency synthesizer can operate only when the CE pin is high level.
When the level of the CE pin goes low, the PLL is automatically disabled.
In PLL disabled state, the VCOH, VCOL, or EO pin enters the floating state.
The PLL frequency synthesizer can be disabled by program even when the CE pin is high level.
14.6.2
Clock-Stop Instruction Disable/Enable Control
The clock-stop instruction (“STOP s” instruction) is valid only when the CE pin is low level.
If the CE pin is high level, the clock-stop instruction is executed as a no operation instruction (NOP).
14.6.3
Device Reset
Reset (CE reset) can be applied to the device by raising the CE pin from low level to high level.
Besides CE reset, there is also power-on reset, which is activated when VDD is turned on.
For details, see Chapter 15.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com