Electronic Components Datasheet Search
  English  ▼

X  

UPD17015GS Datasheet(PDF) 45 Page - NEC

Part # UPD17015GS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR PORTABLE RADIOS
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17015GS Datasheet(HTML) 45 Page - NEC

Back Button UPD17015GS Datasheet HTML 41Page - NEC UPD17015GS Datasheet HTML 42Page - NEC UPD17015GS Datasheet HTML 43Page - NEC UPD17015GS Datasheet HTML 44Page - NEC UPD17015GS Datasheet HTML 45Page - NEC UPD17015GS Datasheet HTML 46Page - NEC UPD17015GS Datasheet HTML 47Page - NEC UPD17015GS Datasheet HTML 48Page - NEC UPD17015GS Datasheet HTML 49Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 120 page
background image
45
µPD17015
As shown in Fig. 10-4, when the BTM0CY and BTM1CY flags are detected at 2 , the timer is updated because
the flag is “1”. When the flag is detected at 3 , because it is “0”, the timer is not updated until it is detected again
at
4
. Therefore, the timer is incremented by tCHECK3.
10.2.5
Cautions for Using Basic Timers 0 and 1
(1) BTM0CY and BTM1CY flags detection time interval
As described in Section 10.2.4, keep the BTM0CY and BTM1CY flags detection time interval shorter than the
BTM0CY and BTM1CY flags set time interval.
Otherwise, the BTM0CY and BTM1CY flags cannot be set if the time required for process B is longer than the
BTM0CY and BTM1CY flags set time interval, as shown in Fig. 10-5.
Fig. 10-5 Detection of the BTM0CY and BTM1CY Flags
(2) Sum of the timer update process time and the BTM0CY and BTM1CY flags detection time interval
As explained in (1), the BTM0CY and BTM1CY flags detection time interval must be kept shorter than the BTM0CY
and BTM1CY flags set time interval.
Even when the BTM0CY and BTM1CY flags detection time interval is short, however, if the timer update process
time is long, a CE reset may prevent a normal timer update process.
The following conditions must therefore be satisfied.
tCHECK + tTIMER < tSET
where
tCHECK : BTM0CY and BTM1CY flags detection time interval
tTIMER : Timer update process time
tSET
: BTM0CY and BTM1CY flags set time interval
The coding that meets these conditions is given below.
H
L
1
0
BTM0CY flag
set pulse
BTM1CY flag
set pulse
BTM1CY flag
BTM0CY flag
SKT1
BTM0CY
or
SKT1
BTM1CY
SKT1
BTM0CY
or
SKT1
BTM1CY
SKT1
BTM0CY
or
SKT1
BTM1CY
Process A
Process B
Because the time required for process B is long after
the BTM0CY and BTM1CY flags, which is set to "1" at
, is detected, the BTM0CY and BTM1CY flags,
which is set to "1" at
, cannot be detected.
1
2
3
3
4
5
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com