Electronic Components Datasheet Search
  English  ▼

X  

UPD17015GS Datasheet(PDF) 31 Page - NEC

Part # UPD17015GS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR PORTABLE RADIOS
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17015GS Datasheet(HTML) 31 Page - NEC

Back Button UPD17015GS Datasheet HTML 27Page - NEC UPD17015GS Datasheet HTML 28Page - NEC UPD17015GS Datasheet HTML 29Page - NEC UPD17015GS Datasheet HTML 30Page - NEC UPD17015GS Datasheet HTML 31Page - NEC UPD17015GS Datasheet HTML 32Page - NEC UPD17015GS Datasheet HTML 33Page - NEC UPD17015GS Datasheet HTML 34Page - NEC UPD17015GS Datasheet HTML 35Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 120 page
background image
31
µPD17015
7.4
NOTES ON USING THE ALU
7.4.1
Notes on Using the Program Status Word for Operations
After an arithmetic operation has been performed on the program status word, the operation result is held in the
program status word.
The CY and Z flags of the program status word are usually set or reset according to the result of the arithmetic
operation. If the arithmetic operation is performed on the program status word itself, the result of the operation is
stored and a carry, borrow, or zero cannot be discriminated.
If the CMP flag is set, the result of the arithmetic operation is not stored and the CY and Z flags are set to 1 or
cleared to 0 as usual.
7.4.2
Notes on Performing Decimal Operations
A decimal operation can be carried out only when the operation result is within the following ranges:
(1) The result of addition is between 0 and 19 in decimal.
(2) The result of subtraction is between 0 and 9 or –10 and –1 in decimal.
If a decimal operation exceeding the above ranges is performed, the CY flag is set, resulting in a value greater
than or equal to 1010B (0AH).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com