Electronic Components Datasheet Search
  English  ▼

X  

UPD17015GS Datasheet(PDF) 56 Page - NEC

Part # UPD17015GS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR PORTABLE RADIOS
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17015GS Datasheet(HTML) 56 Page - NEC

Back Button UPD17015GS Datasheet HTML 52Page - NEC UPD17015GS Datasheet HTML 53Page - NEC UPD17015GS Datasheet HTML 54Page - NEC UPD17015GS Datasheet HTML 55Page - NEC UPD17015GS Datasheet HTML 56Page - NEC UPD17015GS Datasheet HTML 57Page - NEC UPD17015GS Datasheet HTML 58Page - NEC UPD17015GS Datasheet HTML 59Page - NEC UPD17015GS Datasheet HTML 60Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 120 page
background image
56
µPD17015
11.3
REFERENCE FREQUENCY GENERATOR
Fig. 11-5 shows the configuration of the reference frequency generator.
The reference frequency generator generates the PLL frequency synthesizer reference frequency “fr” by dividing
the 75-MHz signal of a crystal oscillator.
The reference frequency fr can be selected from among 1 kHz, 3 kHz, 5 kHz, and 25 kHz.
The reference frequency fr is selected with the PLLRFCK0 and PLLRFCK1 flags of the PLL mode selection register
(see Fig. 11-3).
Fig. 11-5 Reference Frequency Generator
f
r
75 kHz
1 kHz
3 kHz
5 kHz
25 kHz
PLLRFCK0 flag
PLLRFCK1 flag
2-4 decoder
Selector
To
-DET
φ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com