Electronic Components Datasheet Search
  English  ▼

X  

UPD17015GS Datasheet(PDF) 62 Page - NEC

Part # UPD17015GS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR PORTABLE RADIOS
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17015GS Datasheet(HTML) 62 Page - NEC

Back Button UPD17015GS Datasheet HTML 58Page - NEC UPD17015GS Datasheet HTML 59Page - NEC UPD17015GS Datasheet HTML 60Page - NEC UPD17015GS Datasheet HTML 61Page - NEC UPD17015GS Datasheet HTML 62Page - NEC UPD17015GS Datasheet HTML 63Page - NEC UPD17015GS Datasheet HTML 64Page - NEC UPD17015GS Datasheet HTML 65Page - NEC UPD17015GS Datasheet HTML 66Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 120 page
background image
62
µPD17015
(4) Division value N computation method
Division value N is computed as follows:
N =
fVCOL
fr
fVCOL
: VCOL pin input frequency
fr
: Reference frequency
(5) PLL data setting example
The method of setting the data to receive a MF band broadcast station is shown below.
Receiving frequency
: 1422 kHz (MW band)
Reference frequency
: 3 kHz
Intermediate frequency : +450 kHz
Division value N is:
N =
fVCOL
=
1422 + 450
= 624 (decimal)
fr
3
= 270H (hexadecimal)
Data is written to the PLL data register and PLL mode selection register as follows:
11.6.2
Pulse Swallow Method (HF)
(1) Selection of the division method
The pulse swallow method is selected by the PLLMD0 or PLLMD1 flag of the PLL mode selection register.
(2) Pins to be used
The VCOL pin becomes available when the pulse swallow method is selected.
(3) Reference frequency fr setting
The reference frequency is set with the PLLRFCK0 or PLLRFCK1 flag of the PLL mode selection register.
(4) Division value N computation
Division value N is computed as follows:
N =
fVCOL
fr
fVCOL
: VCOL pin input frequency
fr
: Reference frequency
PLLR
0 0 1 0
0 1 1 1
0 0 0 0
Any value
27
0
PLLMD
0 1 0 1
MF, 3 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com