Electronic Components Datasheet Search
  English  ▼

X  

UPD17015GS Datasheet(PDF) 35 Page - NEC

Part # UPD17015GS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR PORTABLE RADIOS
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17015GS Datasheet(HTML) 35 Page - NEC

Back Button UPD17015GS Datasheet HTML 31Page - NEC UPD17015GS Datasheet HTML 32Page - NEC UPD17015GS Datasheet HTML 33Page - NEC UPD17015GS Datasheet HTML 34Page - NEC UPD17015GS Datasheet HTML 35Page - NEC UPD17015GS Datasheet HTML 36Page - NEC UPD17015GS Datasheet HTML 37Page - NEC UPD17015GS Datasheet HTML 38Page - NEC UPD17015GS Datasheet HTML 39Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 120 page
background image
35
µPD17015
9. GENERAL-PURPOSE PORTS
A general-purpose port outputs high and low signals to external circuits and reads high and low signals from the
external circuits.
9.1
OVERVIEW
Table 9-1 indicates the relationship between the ports and port registers.
General-purpose ports are classified into three types: I/O ports, input ports, and output ports.
I/O port is a bit I/O port, whose bit (each pin) can be set to input or output mode.
Table 9-1 Relationship between Ports (Pins) and Port Registers
Port
No.
Pin name
I/O
Pin
Data setting method
Port register (data memory)
Address
Bit symbol
(reserved word)
7
P0A0
8
P0A1
9
P0A2
10
P0A3
37
P0B0
38
P0B1
1
P0B2
No target pin
2
P0C0
3
P0C1
4
P0C2
5
P0C3
6
P0D0
No target pin
Port 0A
Port 0B
Port 0C
Port 0D
Remarks
Symbol
b0
P0A0
b1
P0A1
b2
P0A2
b3
P0A3
P0B0
P0B1
P0B2
—
P0C0
P0C1
P0C2
P0C3
P0D0
—
—
—
b0
b1
b2
b3
b0
b1
b2
b3
b0
b1
b2
b3
70H
P0A
71H
P0B
72H
P0C
73H
P0D
Output
Input
Output
I/O switching is per-
formed by the P0ABIO0
or P0ABIO1 flag.
Fixed to 0.
Switching to BEEP
output is performed by
the BEEP0SEL flag.
Fixed to 0.
Output
I/O
(bit I/O)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com