Electronic Components Datasheet Search
  English  ▼

X  

UPD17015GS Datasheet(PDF) 17 Page - NEC

Part # UPD17015GS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR PORTABLE RADIOS
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17015GS Datasheet(HTML) 17 Page - NEC

Back Button UPD17015GS Datasheet HTML 13Page - NEC UPD17015GS Datasheet HTML 14Page - NEC UPD17015GS Datasheet HTML 15Page - NEC UPD17015GS Datasheet HTML 16Page - NEC UPD17015GS Datasheet HTML 17Page - NEC UPD17015GS Datasheet HTML 18Page - NEC UPD17015GS Datasheet HTML 19Page - NEC UPD17015GS Datasheet HTML 20Page - NEC UPD17015GS Datasheet HTML 21Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 120 page
background image
17
µPD17015
3. ADDRESS STACK REGISTER (ASR)
3.1
OUTLINE AND CONFIGURATION OF ADDRESS STACK REGISTER
The address stack register is used to store the return address when a subroutine call instruction is executed.
Fig. 3-1 shows the configuration of the address stack registers.
As shown in Fig. 3-1, there is one address stack register, consisting of 11 bits.
Fig. 3-1 Configuration of Address Stack Registers
b
10
b
9
b
8
b
7
b
6
b
5
b
4
b
3
b
2
b
1
b
0
Address stack register
(ASR)
Bit
The return address of the program is stored
when a subroutine call instruction is executed.
3.2
ADDRESS STACK REGISTER OPERATION
When a subroutine call instruction is executed, the return address is stored in the address stack register.
When a return instruction is executed, the contents (return address) of the address stack register are read back
into the program counter (see Table 3-1).
At power-on reset, the contents of the address stack register are undefined. At CE reset, or when the clock stop
instruction is executed, the contents of the address stack register are retained.
Table 3-1 Program Counter Operation Upon Execution of a Subroutine Call Instruction
Instruction
Operation
CALL addr
1
Stores the program counter value to the address
stack register.
2
Transfers the value specified with an operand (addr)
to the program counter.
RET
Reads the value of the address stack register back into
RETSK
the program counter.
3.3
NOTES ON USE OF ADDRESS STACK REGISTER
Note that a subroutine call of more than one level cannot be used because the address stack register has a one-
register configuration consisting of 11 bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com