Electronic Components Datasheet Search
  English  ▼

X  

UPD17015GS Datasheet(PDF) 65 Page - NEC

Part # UPD17015GS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR PORTABLE RADIOS
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17015GS Datasheet(HTML) 65 Page - NEC

Back Button UPD17015GS Datasheet HTML 61Page - NEC UPD17015GS Datasheet HTML 62Page - NEC UPD17015GS Datasheet HTML 63Page - NEC UPD17015GS Datasheet HTML 64Page - NEC UPD17015GS Datasheet HTML 65Page - NEC UPD17015GS Datasheet HTML 66Page - NEC UPD17015GS Datasheet HTML 67Page - NEC UPD17015GS Datasheet HTML 68Page - NEC UPD17015GS Datasheet HTML 69Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 120 page
background image
65
µPD17015
12. BEEP
12.1
CONFIGURATION AND FUNCTIONS
Fig. 12-1 shows an overview of BEEP.
A 3-kHz clock is output from the P0D0/BEEP pin.
According to the settings of the BEEP0SEL flag of the LCD enable register, the output switching block controls
whether the P0D0/BEEP pin functions as a general-purpose output port or as a BEEP output pin.
The clock generation block generates the 3-kHz clock to be output to the BEEP pin.
Fig. 12-2 shows the configuration and functions of the LCD enable register.
Fig. 12-1 Overview of BEEP
P0D
0/BEEP
3 kHz
BEEP0SEL flag
Output switching
block
Clock generation
block
Fig. 12-2 Configuration and Functions of the LCD Enable Register
b
3
b
2
b
1
b
0
P
0
A
B
I
O
0
P
0
A
B
I
O
1
B
E
E
P
0
S
E
L
L
C
D
E
N
6AH
R/W
Read/write
Address
0
00
00
00
00
1
CE
Hold
Clock-Stop
Power-on
Name
Flag symbol
LCD enable register
Sets the function of the P0D0/BEEP pin.
Uses the P0D0/BEEP pins as a general-purpose output port.
Uses the P0D0/BEEP pin as a BEEP output pin.
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com