Electronic Components Datasheet Search
  English  ▼

X  

UPD17015GS Datasheet(PDF) 36 Page - NEC

Part # UPD17015GS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR PORTABLE RADIOS
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17015GS Datasheet(HTML) 36 Page - NEC

Back Button UPD17015GS Datasheet HTML 32Page - NEC UPD17015GS Datasheet HTML 33Page - NEC UPD17015GS Datasheet HTML 34Page - NEC UPD17015GS Datasheet HTML 35Page - NEC UPD17015GS Datasheet HTML 36Page - NEC UPD17015GS Datasheet HTML 37Page - NEC UPD17015GS Datasheet HTML 38Page - NEC UPD17015GS Datasheet HTML 39Page - NEC UPD17015GS Datasheet HTML 40Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 120 page
background image
36
µPD17015
9.2
GENERAL-PURPOSE I/O PORTS (P0A0 and P0A1 pins)
9.2.1
Configurations of the I/O ports
The configurations of the I/O ports are shown below.
(1) P0A0 and P0A1 pin
VDD
VDD
Output
latch
1
0
I/O switching flag
Write instruction
Port register
(1 bit)
Read instruction
9.2.2
Using the I/O Port
The P0ABIO0 or P0ABIO1 flag of the LCD enable register sets the I/O port to input or output mode.
P0A0 and P0A1 pins are bit I/O ports, each bit of which (each pin) can be set to input or output mode.
To set the output data, write the data to the corresponding port register. To read the input data, execute an
instruction to read the data.
9.2.3
Control Registers of the I/O Ports
The P0ABIO0 and P0ABIO1 flags of the LCD enable register set P0A0 and P0A1 pins in input or output mode,
respectively.
Fig. 9-1 shows the configuration and functions of the LCD enable register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com