Electronic Components Datasheet Search
  English  ▼

X  

UPD17015GS Datasheet(PDF) 90 Page - NEC

Part # UPD17015GS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR PORTABLE RADIOS
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17015GS Datasheet(HTML) 90 Page - NEC

Back Button UPD17015GS Datasheet HTML 86Page - NEC UPD17015GS Datasheet HTML 87Page - NEC UPD17015GS Datasheet HTML 88Page - NEC UPD17015GS Datasheet HTML 89Page - NEC UPD17015GS Datasheet HTML 90Page - NEC UPD17015GS Datasheet HTML 91Page - NEC UPD17015GS Datasheet HTML 92Page - NEC UPD17015GS Datasheet HTML 93Page - NEC UPD17015GS Datasheet HTML 94Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 120 page
background image
90
µPD17015
14.6.4
Signal Input to CE Pin
To prevent erroneous operation by noise, the CE pin does not accept signals with a low or high level width of less
than 140
µs. The level of the signal input to the CE pin can be detected with the CE flag of the CE pin level judge
register.
Fig. 14-5 shows the relationship between input signal and CE flag.
Fig. 14-5 Relationship of Signal Input to CE Pin and CE Flag
H
L
CE pin
CE flag
1
0
Less than 140 s
140 s
Less than 140 s
140 s
CE reset
PLL operation enabled
STOP s instruction invalid (NOP)
PLL disabled
STOP s instruction valid
PLL disabled
STOP s instruction invalid (NOP)
CE reset is applied in synchronization
with the next setting of the BTM0CY flag.
µ
µ
µ
µ
14.6.5
Organization and Functions of CE Pin Level Judge Register
The CE pin level judge register monitors the CE pin input signal level.
Its organization and functions are shown below.
Fig. 14-6 Configuration of CE Pin Level Judge Register
Register
Flag symbol
b3
b2
b1
b0
C
E
6AH
R
Address
Read/write
Power-on
Clock stop
CE
00
0
1
Detects the level input at the CE pin.
Low level input
High level input
0–
0
Fixed to 0.
CE pin level
judge register
0
0
–
–
The CE flag also does not change when the CE pin receives signals having a low or high level width of less than
140
µs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com