Electronic Components Datasheet Search
  English  ▼

X  

UPD17015GS Datasheet(PDF) 100 Page - NEC

Part # UPD17015GS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR PORTABLE RADIOS
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17015GS Datasheet(HTML) 100 Page - NEC

Back Button UPD17015GS Datasheet HTML 96Page - NEC UPD17015GS Datasheet HTML 97Page - NEC UPD17015GS Datasheet HTML 98Page - NEC UPD17015GS Datasheet HTML 99Page - NEC UPD17015GS Datasheet HTML 100Page - NEC UPD17015GS Datasheet HTML 101Page - NEC UPD17015GS Datasheet HTML 102Page - NEC UPD17015GS Datasheet HTML 103Page - NEC UPD17015GS Datasheet HTML 104Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 120 page
background image
100
µPD17015
Fig. 15-6 Relationship Between Power-On Reset and CE Reset (TA = –10 to +50
°C)
(a) When VDD and CE pin raised simultaneously
3.0 V
0 V
H
L
H
L
Opera-
tion
stopped
VDD
CE
Power-on reset
Program start
Power-on clear voltage
1.8 V
Halt state
125 ms
Normal operation
BTM0CY flag
set pulse
(b) When CE Pin Raised in Halt State
3.0 V
0 V
H
L
H
L
VDD
CE
Power-on reset
Program start
Power-on clear voltage
1.8 V
Halt state
125 ms
Normal operation
BTM0CY flag
set pulse
Opera-
tion
stopped
(c) When CE Pin Raised After Power-On Reset
3.0 V
0 V
H
L
H
L
VDD
CE
BTM0CY flag
set pulse
Power-on reset
Program start
Power-on clear voltage
1.8 V
Halt state
125 ms
Normal operation
CE reset
Program start
Opera-
tion
stopped



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com