Electronic Components Datasheet Search
  English  ▼

X  

UPD17015GS Datasheet(PDF) 40 Page - NEC

Part # UPD17015GS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR PORTABLE RADIOS
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17015GS Datasheet(HTML) 40 Page - NEC

Back Button UPD17015GS Datasheet HTML 36Page - NEC UPD17015GS Datasheet HTML 37Page - NEC UPD17015GS Datasheet HTML 38Page - NEC UPD17015GS Datasheet HTML 39Page - NEC UPD17015GS Datasheet HTML 40Page - NEC UPD17015GS Datasheet HTML 41Page - NEC UPD17015GS Datasheet HTML 42Page - NEC UPD17015GS Datasheet HTML 43Page - NEC UPD17015GS Datasheet HTML 44Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 120 page
background image
40
µPD17015
9.4.2
Using the Output Port
The output port outputs the contents of the output latch from each pin.
To set the output data, execute a write instruction (such as MOV) for the port register corresponding to each pin.
To output a high signal to a pin, write 1. To output a low signal, write 0.
Caution If a read instruction (such as SKT) is executed for a port register, the contents of the output latch
and the read data may differ because the status of the output pin is read as is.
9.4.3
Statuses of the Output Port upon Reset
(1) At power-on reset
The contents of the output latches are output.
The contents of the output latches are reset to 0.
(2) Upon CE reset
The contents of the output latch are output.
The output latch retains the data existing immediately before the reset. If a pin is directly set to output mode,
the previous contents are output.
(3) Upon a clock stop
All pins are set to input mode.
The output latch retains the last data existing immediately before the reset. If a pin is directly set to output mode,
the previous contents are output.
(4) In the halt state
The previous statuses are retained.
5
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com