Electronic Components Datasheet Search
  English  ▼

X  

UPD17015GS Datasheet(PDF) 8 Page - NEC

Part # UPD17015GS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR PORTABLE RADIOS
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17015GS Datasheet(HTML) 8 Page - NEC

Back Button UPD17015GS Datasheet HTML 4Page - NEC UPD17015GS Datasheet HTML 5Page - NEC UPD17015GS Datasheet HTML 6Page - NEC UPD17015GS Datasheet HTML 7Page - NEC UPD17015GS Datasheet HTML 8Page - NEC UPD17015GS Datasheet HTML 9Page - NEC UPD17015GS Datasheet HTML 10Page - NEC UPD17015GS Datasheet HTML 11Page - NEC UPD17015GS Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 120 page
background image
8
µPD17015
1. PIN FUNCTIONS
1.1
PIN FUNCTIONS
Function
3-bit input port.
4-bit CMOS output port
1-bit general-purpose output port and BEEP signal output
• P0D0
• 1-bit output port
• BEEP
• 3-kHz BEEP output
2-bit I/O and output ports
• P0A0, P0A1
• 2-bit I/O port
• Input or output mode can be specified in units of bits.
• P0A2, P0A3
• 2-bit output port
Input pin for the
µPD17015 operation selection and reset signal
Pins for connecting the crystal (75 kHz) for system clock oscillation.
Load capacity: CI = 12 pF, CO = 33 pF
Main power supply pin
The pin supplies a voltage of 1.8 to 3.6 V (TA = –10 to +50
°C) to
enable all functions. Note that the voltage applied to each of the
other pins must not exceed the voltage applied to the VDD pin.
Ground pin
Output from the charge pump of the PLL frequency synthesizer.
Output pin for the PLL voltage regulator.
Connect this pin to GND through a 0.1-
µF capacitor.
Local PLL oscillator frequency input
Output type
Input with a pull-
down resistor
CMOS push-pull
CMOS push-pull
CMOS push-pull
—
CMOS push-pull
(XOUT)
—
—
CMOS tristate
output
—
—
Pin No.
37
38
1
2
|
5
6
7
|
10
11
12
13
14
15
16
17
18
19
Symbol
P0B0
|
P0B2
P0C0
|
P0C3
P0D0/
BEEP
P0A0
|
P0A3
CE
XOUT
XIN
VDD
GND
EO
VREG
VCOH
VCOL
At power-on reset
Input
Low-level output
Low-level output
Input
(P0A0, P0A1)
Low-level output
(P0A2, P0A3)
Input
—
—
—
Floating
—
Floating
VREG (17)
0.1
F
µ
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com