Electronic Components Datasheet Search
  English  ▼

X  

UPD17015GS Datasheet(PDF) 83 Page - NEC

Part # UPD17015GS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR PORTABLE RADIOS
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17015GS Datasheet(HTML) 83 Page - NEC

Back Button UPD17015GS Datasheet HTML 79Page - NEC UPD17015GS Datasheet HTML 80Page - NEC UPD17015GS Datasheet HTML 81Page - NEC UPD17015GS Datasheet HTML 82Page - NEC UPD17015GS Datasheet HTML 83Page - NEC UPD17015GS Datasheet HTML 84Page - NEC UPD17015GS Datasheet HTML 85Page - NEC UPD17015GS Datasheet HTML 86Page - NEC UPD17015GS Datasheet HTML 87Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 120 page
background image
83
µPD17015
14.3
CLOCK-STOP FUNCTION
The clock-stop function stops the 75-kHz crystal oscillation circuit (clock stopped state) by executing a “STOP s”
instruction.
The supply current is reduced by up to 3
µA.
Specify “0000B” at operand “s” of the “STOP s” instruction.
The “STOP s” instruction is valid only when the CE pin is low level. If a “STOP s” instruction is executed while
the CE pin is high level, it is executed as a “NOP” instruction. Always execute a “STOP s” instruction when the CE
pin is low level.
The clock-stop state is released by raising the CE pin from low level to high level (CE reset).
14.3.1
Clock-Stop State
Since the crystal oscillation circuit is stopped in the clock-stop state, operation of the CPU, peripheral hardware,
and other devices is stopped.
For a description of operation of the CPU and each item of peripheral hardware, see Section 14.4.
14.3.2
Clock-Stop State Release
The clock-stop state can be released with the two methods described below. For both methods, after the clock-
stop state is released, the program starts from address 0000H.
1
Raising the CE pin from low level to high level (CE reset)
2
Dropping VDD to 1.8 V or less, then raising it to 1.8 V or more (TA = –10 to +50
°C).
Caution The power-on clear voltage varies with the CPU operating temperature. For details, see Section
15.2.
14.3.3
Clock-Stop Release by CE Reset
Fig. 14-3 shows the clock-stop release by CE reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com