Electronic Components Datasheet Search
  English  ▼

X  

UPD17015GS Datasheet(PDF) 85 Page - NEC

Part # UPD17015GS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR PORTABLE RADIOS
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17015GS Datasheet(HTML) 85 Page - NEC

Back Button UPD17015GS Datasheet HTML 81Page - NEC UPD17015GS Datasheet HTML 82Page - NEC UPD17015GS Datasheet HTML 83Page - NEC UPD17015GS Datasheet HTML 84Page - NEC UPD17015GS Datasheet HTML 85Page - NEC UPD17015GS Datasheet HTML 86Page - NEC UPD17015GS Datasheet HTML 87Page - NEC UPD17015GS Datasheet HTML 88Page - NEC UPD17015GS Datasheet HTML 89Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 120 page
background image
85
µPD17015
14.3.5
Cautions When Using Clock-Stop Instruction
The clock-stop instruction (STOP s instruction) is valid only when the CE pin is low level.
The program must take into account processing when the CE pin is raised unexpectedly to high level.
The description is based on the following example.
Example
XTAL
DAT
0000B
; Clock-stop condition symbol definition
CEJDG:
; 1
SKF1
CE
; Built-in Macro
; Detects the CE pin input level.
BR
MAIN
; If CE = high level, branches to main processing.
Process A
; CE = low level processing
; 2
STOP
XTAL
; Clock-stop
; 3
BR
$–1
MAIN:
Main processing
BR
CEJDG
In the example above, the state of the CE pin is detected at 1 . If the CE pin is low level, after process A is executed,
the clock-stop instruction “STOP XTAL” of 2 is executed.
However, if the CE pin becomes high level while the “STOP XTAL” instruction of 2 is being executed as shown
in the figure below, the “STOP XTAL” instruction operates as a no operation instruction (NOP).
If the branch instruction “BR $-1” of 3 does not exit, the program returns to main processing and erroneous
operational occurs.
Therefore, a branch instruction like 3 must be inserted in the program, or the program must be written so that
erroneous operational does not occur even if it returns to main processing.
When a branch instruction like 3 is used, CE reset is applied in synchronization with the next setting of the BTM0CY
flag, even if the CE pin remains at high level.
3.0 V
0 V
H
L
VDD
CE pin
STOP XTAL
The STOP XTAL
becomes a NOP
instruction because
the CE pin is high
level.
The program starts from
address 0 in synchronization
with setting of the BTM0CY
flag. (CE reset)
Main
proces-
sing
Process A
CE pin detection
1
1
1
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com