Electronic Components Datasheet Search
  English  ▼

X  

UPD17015GS Datasheet(PDF) 53 Page - NEC

Part # UPD17015GS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR PORTABLE RADIOS
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17015GS Datasheet(HTML) 53 Page - NEC

Back Button UPD17015GS Datasheet HTML 49Page - NEC UPD17015GS Datasheet HTML 50Page - NEC UPD17015GS Datasheet HTML 51Page - NEC UPD17015GS Datasheet HTML 52Page - NEC UPD17015GS Datasheet HTML 53Page - NEC UPD17015GS Datasheet HTML 54Page - NEC UPD17015GS Datasheet HTML 55Page - NEC UPD17015GS Datasheet HTML 56Page - NEC UPD17015GS Datasheet HTML 57Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 120 page
background image
53
µPD17015
Fig. 11-3 Configuration and Functions of the PLL Mode Select Register
b
3
b
2
b
1
b
0
P
L
L
R
F
C
K
0
P
L
L
R
F
C
K
1
P
L
L
M
D
0
P
L
L
M
D
1
6BH
R/W
Read/write
Address
00
01
10
11
00
00
00
00
00
01
10
11
CE
Hold
Clock-stop
Power-on
1 kHz
3 kHz
5 kHz
25 kHz
Sets the division method used by the PLL frequency synthesizer.
Disables pins VCOL and VCOH
Selects pulse swallow (VCOH pin, VHF mode).
Selects pulse swallow (VCOL pin, HF mode).
Selects direct division (VCOL pin, MF mode).
Name
Flag symbol
PLL mode select register
Sets reference frequency fr of the PLL frequency synthesizer.Note
Note
For details of the reference frequency, see Section 11.3.
Items (1) to (4), below, outline the division methods:
(1) Direct division (MF)
The VCOL pin is used.
The VCOH pin enters the floating state.
In direct division, the signal input is divided according to the programmable counter only.
(2) Pulse swallow (HF)
The VCOL pin is used.
The VCOH pin enters the floating state.
When using pulse swallow, the signal input is divided according to the settings of the swallow counter and
programmable counter.
(3) Pulse swallow (VHF)
The VCOH pin is used.
The VCOL pin enters the floating state.
When using pulse swallow, the signal input is divided according to the settings of the swallow counter and
programmable counter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com