Electronic Components Datasheet Search
  English  ▼

X  

UPD17015GS Datasheet(PDF) 95 Page - NEC

Part # UPD17015GS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR PORTABLE RADIOS
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17015GS Datasheet(HTML) 95 Page - NEC

Back Button UPD17015GS Datasheet HTML 91Page - NEC UPD17015GS Datasheet HTML 92Page - NEC UPD17015GS Datasheet HTML 93Page - NEC UPD17015GS Datasheet HTML 94Page - NEC UPD17015GS Datasheet HTML 95Page - NEC UPD17015GS Datasheet HTML 96Page - NEC UPD17015GS Datasheet HTML 97Page - NEC UPD17015GS Datasheet HTML 98Page - NEC UPD17015GS Datasheet HTML 99Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 120 page
background image
95
µPD17015
15.3
CE RESET
CE reset is executed by raising the CE pin from low level to high level.
When the CE pin rises to high level, the RESET signal is output and the device is reset in synchronization with
the rising edge of the pulse used for the next setting of the BTM0CY flag.
When CE reset is applied, the RESET signal initializes the program counter, stack, system register, and some
peripheral control registers to their initial value and executes the program from address 0000H.
For the initial values, see the relevant item.
CE reset operation is different when clock-stop is used and when it is not used.
15.3.1
CE Reset When Clock-Stop (STOP s Instruction) Not Used
Fig. 15-4 shows the reset operation when clock-stop is not used.
When clock-stop (STOP s instruction) is not used, the CE pin becomes high level. Then, RESET signal is output,
and reset is applied at the rising edge of the selected pulse (125 ms) used for setting the BTM0CY flag.
Fig. 15-4 CE Reset Operation When Clock-Stop Not Used
3.0 V
0 V
H
L
H
L
H
L
H
L
H
L
H
L
Normal operation
Normal
operation
XOUT
VDD
CE
BTM0CY flag
set pulse
IRES
RES
RESET
CE reset is applied at the rising edge
of the pulse used for setting the BTM0CY
flag.
This period, t, varies with the timing when
the CE pin signal rises. It falls in the range
from 0 to 125 ms (0 < t < 125 ms), which is
the selected set time of the BTM0CY flag.
The program continues to run during this
period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com