Electronic Components Datasheet Search
  English  ▼

X  

UPD17015GS Datasheet(PDF) 72 Page - NEC

Part # UPD17015GS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR PORTABLE RADIOS
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17015GS Datasheet(HTML) 72 Page - NEC

Back Button UPD17015GS Datasheet HTML 68Page - NEC UPD17015GS Datasheet HTML 69Page - NEC UPD17015GS Datasheet HTML 70Page - NEC UPD17015GS Datasheet HTML 71Page - NEC UPD17015GS Datasheet HTML 72Page - NEC UPD17015GS Datasheet HTML 73Page - NEC UPD17015GS Datasheet HTML 74Page - NEC UPD17015GS Datasheet HTML 75Page - NEC UPD17015GS Datasheet HTML 76Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 120 page
background image
72
µPD17015
13.5
COMMON SIGNAL AND SEGMENT SIGNAL OUTPUT WAVEFORMS
Fig. 13-7 shows sample waveforms for common signal and segment signal output.
The
µPD17015 outputs signals at a frame frequency of 62.5 Hz when driving at a 1/4 duty cycle and 1/2 bias (voltage
averaging method).
The common signals output from pins COM0 to COM3 have a relative phase difference of 1/8 and three voltage
levels (VLCD0, VLCD1, and VDD). The middle voltage level VLCD1 of the output common signals increases or decreases
by 1/2 VDD. This display method is referred to as the 1/2-bias driving method.
Each segment signal output pin outputs the segment signal with two voltage levels (0 and VDD) and phases
corresponding to the display segments. As shown in Fig. 13-7, a single segment pin is used for four display segments
(A, B, C, and D). Each segment pin can output 16 different combinations of phases, corresponding to the turning
on and off of the display segments.
A display segment is lit when the voltage difference between the common signal and segment signal is VDD.
The display segments are turned on in 1/4 duty cycles at a frequency of 62.5 Hz.
This is referred to as the 1/4-duty display method. The frequency is referred to as the frame frequency.
5
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com