Electronic Components Datasheet Search
  English  ▼

X  

UPD17015GS Datasheet(PDF) 42 Page - NEC

Part # UPD17015GS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR PORTABLE RADIOS
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17015GS Datasheet(HTML) 42 Page - NEC

Back Button UPD17015GS Datasheet HTML 38Page - NEC UPD17015GS Datasheet HTML 39Page - NEC UPD17015GS Datasheet HTML 40Page - NEC UPD17015GS Datasheet HTML 41Page - NEC UPD17015GS Datasheet HTML 42Page - NEC UPD17015GS Datasheet HTML 43Page - NEC UPD17015GS Datasheet HTML 44Page - NEC UPD17015GS Datasheet HTML 45Page - NEC UPD17015GS Datasheet HTML 46Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 120 page
background image
42
µPD17015
10.2.2
Basic Timer 0 Carry Flip-Flop, Basic Timer 1 Carry Flip-Flop, BTM0CY Flag, and BTM1CY Flag
The flip-flop is set at constant intervals, and its state is detected using the BTM0CY and BTM1CY flags.
The BTM0CY and BTM1CY flags are read-only. These flags are reset by reading their contents using the
instructions listed in Table 10-1 (Read & Reset).
The BTM0CY and BTM1CY flags are “0” at a power-on reset. It becomes “1” at a CE reset. So, it can be used
as a power failure detection flag.
Even when power is supplied, the BTM0CY and BTM1CY flags will not be set until their contents have been read
using the instructions listed in Table 10-1. Once a read instruction is executed, the flag is set at constant intervals.
Fig. 10-2 shows the configuration and function of the basic timer 0 carry flip-flop judge register. Fig. 10-3 shows
the configuration and function of the basic timer 1 carry flip-flop judge register.
Table 10-1 Instructions Used to Reset the BTM0CY and BTM1CY Flags
Note
When the low address of m is 6H, and 0EH or 0FH is written into r.
Remark m = 6EH or 6FH
Mnemonic
Operand
Mnemonic
Operand
ADD
ADD
ADDC
ADDC
SUB
SUB
SUBC
SUBC
AND
AND
r, m
OR
m, #n4
OR
XOR
XOR
SKE
LD
SKEG
SKT
SKLT
SKF
m, #n
SKNE
MOV
@r, m
m, @rNote



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com