Electronic Components Datasheet Search
  English  ▼

X  

UPD17015GS Datasheet(PDF) 38 Page - NEC

Part # UPD17015GS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR PORTABLE RADIOS
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17015GS Datasheet(HTML) 38 Page - NEC

Back Button UPD17015GS Datasheet HTML 34Page - NEC UPD17015GS Datasheet HTML 35Page - NEC UPD17015GS Datasheet HTML 36Page - NEC UPD17015GS Datasheet HTML 37Page - NEC UPD17015GS Datasheet HTML 38Page - NEC UPD17015GS Datasheet HTML 39Page - NEC UPD17015GS Datasheet HTML 40Page - NEC UPD17015GS Datasheet HTML 41Page - NEC UPD17015GS Datasheet HTML 42Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 120 page
background image
38
µPD17015
Caution If a read instruction (such as SKT) is executed for a port register specified as an output port, the
contents of the output latch and the read data may differ because the status of the output pin
is read as is.
9.2.6
Statuses of the I/O Ports upon Reset
(1) At power-on reset
All pins are set to input mode.
The contents of the output latches are reset to 0.
(2) At CE reset
All pins are set to input mode.
The contents of the output latches are retained.
(3) At a clock-stop
All pins are set to input mode.
The contents of the output latches are retained.
(4) In the halt state
The previous statuses are retained.
9.3
GENERAL-PURPOSE INPUT PORT (P0B0 to P0B2 pins)
9.3.1
Configuration of the Input Port
The configuration of the input port is shown below:
• P0B (P0B0 to P0B2 pins)
VDD
Input
latch
Port register
(1 bit)
Write instruction
Read instruction
Read instruction
High on-state
resistance
5
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com