Electronic Components Datasheet Search
  English  ▼

X  

UPD17015GS Datasheet(PDF) 88 Page - NEC

Part # UPD17015GS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR PORTABLE RADIOS
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17015GS Datasheet(HTML) 88 Page - NEC

Back Button UPD17015GS Datasheet HTML 84Page - NEC UPD17015GS Datasheet HTML 85Page - NEC UPD17015GS Datasheet HTML 86Page - NEC UPD17015GS Datasheet HTML 87Page - NEC UPD17015GS Datasheet HTML 88Page - NEC UPD17015GS Datasheet HTML 89Page - NEC UPD17015GS Datasheet HTML 90Page - NEC UPD17015GS Datasheet HTML 91Page - NEC UPD17015GS Datasheet HTML 92Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 120 page
background image
88
µPD17015
Table 14-2 State of Each Pin and Cautions in Halt and Clock-Stop States
Pins are specified as general-purpose
input ports.
The output contents are held.
If externally pulled down while a high-
level signal is being output, or if
externally pulled up while a low-level
signal is being output, the current drain
increases.
Pin function
Pin symbol
State of each pin and processing precautions
Halt state
Clock-stop state
I/O port
Port 0A
P0A0
P0A1
Input port
Port 0B
P0B0
P0B1
P0B2
Output port
Port 0A
P0A2
P0A3
Port 0C
P0C0
P0C1
P0C2
P0C3
Port 0D
P0D0/BEEP
LCD segment
LCD0
The state existing prior to halt is held.
Low level output (display off)
|
LCD8
PLL frequency
VCOL
At PLL operation, the current drain
PLL disabled state.
synthesizer
VCOH
increases. In the PLL disabled state,
All pins enter the floating state.
EO
all pins enter floating status.
When the level of the CE pin goes low,
the PLL is automatically disabled.
Crystal oscillation
XIN
The supply current changes with the
The XIN pin is pulled down inter-
circuit
XOUT
oscillation waveform of the crystal
nally and the XOUT pin outputs
oscillation circuit.
high level.
The larger the oscillation amplitude,
the lower the supply current.
Since the oscillation amplitude is
governed by the crystal and load
capacitor used, evaluation is
necessary.
Pins are specified as general-purpose
input ports.
Pins P0A0 and P0A1 must be externally
pulled down or pulled up to prevent the
current drain from increasing. Port 0B
(P0B0 to P0B2) is internally pulled
down.
The state before halt is held.
(1) When set as output pins
If externally pulled down while a
high-level signal is being output, or
if externally pulled up while a low-
level signal is being output, the
current drain increases.
(2) When set as input pins (other
than port 0B)
When floating, noise, etc. increase
the current drain.
(3) Port 0B (P0B0 to P0B2)
Since a pull-down resistor is built
in, externally pulling the pin up
causes the current drain to
increase.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com