Electronic Components Datasheet Search
  English  ▼

X  

SC1200 Datasheet(PDF) 41 Page - Texas Instruments

Part # SC1200
Description  Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SC1200 Datasheet(HTML) 41 Page - Texas Instruments

Back Button SC1200 Datasheet HTML 37Page - Texas Instruments SC1200 Datasheet HTML 38Page - Texas Instruments SC1200 Datasheet HTML 39Page - Texas Instruments SC1200 Datasheet HTML 40Page - Texas Instruments SC1200 Datasheet HTML 41Page - Texas Instruments SC1200 Datasheet HTML 42Page - Texas Instruments SC1200 Datasheet HTML 43Page - Texas Instruments SC1200 Datasheet HTML 44Page - Texas Instruments SC1200 Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 60 page
background image
MSC1200
41
SBAS289E
www.ti.com
Interrupt Enable (IE)
EA
Global Interrupt Enable. This bit controls the global masking of all interrupts except those in AIE (SFR A6H).
bit 7
0: Disable interrupt sources. This bit overrides individual interrupt mask settings for this register.
1: Enable all individual interrupt masks. Individual interrupts in this register will occur if enabled.
ES0
Enable Serial port 0 interrupt. This bit controls the masking of the serial Port 0 interrupt.
bit 4
0: Disable all serial Port 0 interrupts.
1: Enable interrupt requests generated by the RI_0 (SCON0.0, SFR 98H) or TI_0 (SCON0.1, SFR 98H) flags.
ET1
Enable Timer 1 Interrupt. This bit controls the masking of the Timer 1 interrupt.
bit 3
0: Disable Timer 1 interrupt.
1: Enable interrupt requests generated by the TF1 flag (TCON.7, SFR 88H).
EX1
Enable External Interrupt 1. This bit controls the masking of external interrupt 1.
bit 2
0: Disable external interrupt 1.
1: Enable interrupt requests generated by the INT1 pin.
ET0
Enable Timer 0 Interrupt. This bit controls the masking of the Timer 0 interrupt.
bit 1
0: Disable all Timer 0 interrupts.
1: Enable interrupt requests generated by the TF0 flag (TCON.5, SFR 88H).
EX0
Enable External Interrupt 0. This bit controls the masking of external interrupt 0.
bit 0
0: Disable external interrupt 0.
1: Enable interrupt requests generated by the INT0 pin.
Auxiliary Interrupt Status Register (AISTAT)
7
6
5
4
3
2
1
0
Reset Value
SFR A7H
SEC
SUM
ADC
MSEC
I2C
CNT
ALVD
0
00H
SEC
Second System Timer Interrupt Status Flag (lowest priority AI).
bit 7
0: SEC Interrupt cleared or masked.
1: SEC Interrupt active (it is cleared by reading SECINT, SFR F9H).
SUM
Summation Register Interrupt Status Flag.
bit 6
0: SUM Interrupt cleared or masked.
1: SUM Interrupt active (it is cleared by reading the lowest byte of SUMR0, SFR E2H).
ADC
ADC Interrupt Status Flag.
bit 5
0: ADC Interrupt cleared or masked.
1: ADC Interrupt active (it is cleared by reading the lowest byte of ADRESL, SFR D9H; if active, no new data will be
written to the ADC Results registers).
MSEC
Millisecond System Timer Interrupt Status Flag.
bit 4
0: MSEC Interrupt cleared or masked.
1: MSEC Interrupt active (it is cleared by reading MSINT, SFR FAH).
I2C
I2C Start/Stop Interrupt Status Flag.
bit 3
0: I2C Start/stop Interrupt cleared or masked.
1: I2C Start/stop Interrupt active (it is cleared by writing to I2CDATA, SFR 9BH).
CNT
CNT Interrupt Status Flag.
bit 2
0: CNT Interrupt cleared or masked.
1: CNT Interrupt active (it is cleared by reading from or writing to SPIDATA/I2CDATA, SFR 9BH).
ALVD
Analog Low Voltage Detect Interrupt Status Flag.
bit 1
0: ALVD Interrupt cleared or masked.
1: ALVD Interrupt active (cleared in HW if AVDD exceeds ALVD threshold).
NOTE: If an interrupt is masked, the status can be read in AIPOL, SFR A4H.
7
6
5
4
3
2
1
0
Reset Value
SFR A8H
EA
0
0
ES0
ET1
EX1
ET0
EX0
00H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com