Electronic Components Datasheet Search
  English  ▼

X  

SC1200 Datasheet(PDF) 5 Page - Texas Instruments

Part # SC1200
Description  Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SC1200 Datasheet(HTML) 5 Page - Texas Instruments

  SC1200 Datasheet HTML 1Page - Texas Instruments SC1200 Datasheet HTML 2Page - Texas Instruments SC1200 Datasheet HTML 3Page - Texas Instruments SC1200 Datasheet HTML 4Page - Texas Instruments SC1200 Datasheet HTML 5Page - Texas Instruments SC1200 Datasheet HTML 6Page - Texas Instruments SC1200 Datasheet HTML 7Page - Texas Instruments SC1200 Datasheet HTML 8Page - Texas Instruments SC1200 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 60 page
background image
MSC1200
5
SBAS289E
www.ti.com
DIGITAL CHARACTERISTICS: DVDD = 2.7V to 5.25V
All specifications from TMIN to TMAX, unless otherwise specified.
MSC1200Yx
PARAMETER
CONDITION
MIN
TYP
MAX
UNITS
POWER-SUPPLY REQUIREMENTS
Digital Supply Current
DVDD
2.7
3.0
3.6
V
Normal Mode, fOSC = 1MHz
0.6
mA
Normal Mode, fOSC = 8MHz, All Peripherals ON
5
mA
Internal Oscillator LF Mode (12.8MHz nominal)
7.1
mA
Stop Mode, DBOR OFF
100
nA
DVDD
4.75
5.0
5.25
V
Normal Mode, fOSC = 1MHz
1.2
mA
Normal Mode, fOSC = 8MHz, All Peripherals ON
9
mA
Internal Oscillator LF Mode (12.8MHz nominal)
15
mA
Internal Oscillator HF Mode (25.6MHz nominal)
29
mA
Stop Mode, DBOR OFF
100
nA
DIGITAL INPUT/OUTPUT (CMOS)
Logic Level: VIH (except XIN pin)
0.6 • DVDD
DVDD
V
VIL (except XIN pin)
DGND
0.2 • DVDD
V
Ports 1 and 3, Input Leakage Current, Input Mode
VIH = DVDD or VIH = 0V
0
µA
Pin XIN Input Leakage Current
0
µA
I/O Pin Hysteresis
700
mV
VOL, Ports 1 and 3, All Output Modes
IOL = 1mA
DGND
0.4
V
VOL, Ports 1 and 3, All Output Modes
IOL = 30mA, 3V (20mA)
1.5
V
VOH, Ports 1 and 3, Strong Drive Output
IOH = 1mA
DVDD – 0.4
DVDD – 0.1
DVDD
V
VOH, Ports 1 and 3, Strong Drive Output
IOH = 30mA, 3V (20mA)
DVDD – 1.5
V
Ports 1 and 3 Pull-Up Resistors
11
k
Ω
FLASH MEMORY CHARACTERISTICS: DVDD = 2.7V to 5.25V
tUSEC = 1µs, tMSEC = 1ms
MSC1200Yx
PARAMETER
CONDITION
MIN
TYP
MAX
UNITS
Flash Memory Endurance
100,000
1,000,000
cycles
Flash Memory Data Retention
100
Years
Mass and Page Erase Time
Set with FER Value in FTCON
10
ms
Flash Memory Write Time
Set with FWR Value in FTCON
30
40
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com